Part Number Hot Search : 
LTC2636I CM6800X MAX166 C908G 24C16 1G58GW C00TE DS214
Product Description
Full Text Search
 

To Download 0679138006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0679138006 Active
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push Push Type, without Card Lock Pin, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67913-003 (PDF) RoHS Certificate of Compliance (PDF) Series Memory Card Sockets 67913 Push-Push SD/MMC acceptable. Without Card Lock Pin. Lead free Header & Ejector (Host) SDIO N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Comments Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Ports Termination Interface: Style Yes 9 9 Black 10,000 No Ejector Button Present 90 Angle (Side Entry) Yes Copper Alloy Gold High Temperature Thermoplastic Yes Reverse Yes Embossed Tape on Reel 0.067 In, 0.098 In 1.70 mm, 2.50 mm 0.067 In, 0.098 In 1.70 mm, 2.50 mm 1 Surface Mount
Search Parts in this Series 67913Series Use With SDIO
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 250V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-67913-001 PS-67913-003 SD-67913-003
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0679138006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X