Part Number Hot Search : 
1753518 PFR852 2N6190 ADF4159 SMCJ12A KA2402D RF530N PJU664HF
Product Description
Full Text Search
 

To Download 0679138003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0679138003 Active
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push Push Type, with Card Lock Pin and Mylar, Lead free
Documents: Drawing (PDF) Product Specification PS-67913-003 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Button Type Comments Component Type Product Name Type Memory Card Sockets 67913 Push-Push SD acceptable only. With Card Lock Pin and Mylar. Lead free Header & Ejector (Host) SDIO N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Ports Termination Interface: Style Yes 9 9 Black 10,000 No Ejector Button Present 90 Angle (Side Entry) Yes Copper Alloy Gold High Temperature Thermoplastic Yes Reverse Yes Embossed Tape on Reel 0.067 In, 0.098 In 1.70 mm, 2.50 mm 0.067 In, 0.098 In 1.70 mm, 2.50 mm 1 Surface Mount
Search Parts in this Series 67913Series Use With SDIO
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 0.5A Yes 250V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-67913-001 PS-67913-003 SD-67913-003
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0679138003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X