Part Number Hot Search : 
74VHC14 AT90SC9 M2520E APT33 SR3030 75000 HEF405 NCV8855
Product Description
Full Text Search
 

To Download 0545962010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0545962010 Active
MINI MI2 REC. ASSY (SN)
Documents: 3D Model Drawing (PDF) Product Specification PS-54596-005 (PDF) Product Specification PS-54596-006 (PDF) Product Specification PS-54596-007 (PDF) Product Specification PS-54596-018 (PDF) Product Specification PS-54596-019 (PDF) Product Specification PS-54596-020 (PDF)
Product Specification PS-54596-021 (PDF) Product Specification PS-54596-022 (PDF) Product Specification PS-54596-023 (PDF) Product Specification PS-54769-004 (PDF) Product Specification PS-55448-001 (PDF) Product Specification PS-55482-006 (PDF) Product Specification PS-55659-005 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment MolexKits Product Name IDT and Solder Connectors 54596 Yes Yes Mini Mi IITM
Physical
Circuits (Loaded) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stackable Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG 20 Natural Female No None Phosphor Bronze Tin Tin Nylon 1 Bag No 0.049 In 1.25 mm 36 0.90 36 0.90 No -40C to +105C IDT or Pierce 0.80-0.90mm (.031-.035") 26, 28
Search Parts in this Series 54596Series Mates With 55451 , 55447 , 55454 , 55659 , 55456 , 55482 , 55450 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # Fully-Automated IDT 0578008300 Machine (XELOMPLUS) Fully-Automated IDT 0578008400 Machine (XELOMPLUS) IDT Bench-Top 0578277100 Terminator for Mini Mi IITM
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 100V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-54596-001 PS-54596-005, PS-54596-006, PS-54596-007, PS-54596-018, PS-54596-019, PS-54596-020, PS-54596-021, PS-54596-022, PS-54596-023,
Sales Drawing
PS-54769-004, PS-55448-001, PS-55482-006, PS-55659-005, RPS-54596-012, RPS-54596-013, RPS-54596-014, RPS-54596-016, RPS-54596-017, RPS-54596-022, RPS-54596-023, RPS-54596-024, RPS-54596-025, RPS-54596-026, RPS-54966-004, RPS-55448-004 SD-54596-004
Hand Crimper
0578345000
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0545962010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X