Part Number Hot Search : 
SP1490EC T93C46A GSM900 GSM900 4N20L T93C46A 7456M GSM900
Product Description
Full Text Search
 

To Download 0545961010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0545961010 Active
MINI MI2 REC. ASSY (SN)
Documents: 3D Model Drawing (PDF) Product Specification PS-54596-005 (PDF) Product Specification PS-54596-006 (PDF) Product Specification PS-54596-007 (PDF) Product Specification PS-54596-018 (PDF) Product Specification PS-54596-019 (PDF) Product Specification PS-54596-020 (PDF)
Product Specification PS-54596-021 (PDF) Product Specification PS-54596-022 (PDF) Product Specification PS-54596-023 (PDF) Product Specification PS-54769-004 (PDF) Product Specification PS-55448-001 (PDF) Product Specification PS-55482-006 (PDF) Product Specification PS-55659-005 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name IDT and Solder Connectors 54596 Yes Mini Mi IITM
Physical
Circuits (Loaded) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stackable Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG 10 Natural Female No None Phosphor Bronze Tin Tin Nylon 1 Bag No 0.049 In 1.25 mm 36 0.90 36 0.90 No -40C to +105C IDT or Pierce 0.80-0.90mm (.031-.035") 26, 28
Search Parts in this Series 54596Series Mates With 55451 , 55447 , 55454 , 55659 , 55456 , 55482 , 55450 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # IDT Bench-Top 0578277100 Terminator for Mini Mi IITM Hand Crimper 0578345000 Fully-Automated IDT 0578008300 Machine (XELOMPLUS)
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 100V
Material Info Reference - Drawing Numbers
Product Specification PS-54596-005, PS-54596-006, PS-54596-007, PS-54596-018, PS-54596-019, PS-54596-020, PS-54596-021, PS-54596-022, PS-54596-023, PS-54769-004, PS-55448-001, PS-55482-006, PS-55659-005, RPS-54596-012, RPS-54596-013,
Sales Drawing
RPS-54596-014, RPS-54596-016, RPS-54596-017, RPS-54596-022, RPS-54596-023, RPS-54596-024, RPS-54596-025, RPS-54596-026, RPS-54966-004, RPS-55448-004 SD-54596-004
Fully-Automated IDT 0578008400 Machine (XELOMPLUS)
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0545961010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X