Part Number Hot Search : 
SMCJ11 SM5Z6V0 TM100 SD101A D5027 421904 H11N3TVM H11N3TVM
Product Description
Full Text Search
 

To Download 0512391205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0512391205 Active
CRCTM Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female Terminal, Signal, 12 Circuits, Polarization Type D, Polarization Position A-2
Documents: Drawing (PDF) Product Specification PS-51238-010 (PDF)
Product Specification PS-51238-018 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 R72081037 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Component Type Product Name Type I/O Connectors 51239 N/A Housing CRCTM N/A
Physical
Boot Color Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Flammability Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A No N/A 12 Black 94V-0 Plug Yes Yes n/a Polyester 4 Vertical No Tray N/A 0.118 In 3.00 mm 0.118 In 3.00 mm Yes N/A 1 No -40C to +105C N/A No
Search Parts in this Series 51239Series Mates With 51233 Use With 56380 plug shell body, 56120 and 56121 female terminal, 56381 plug shell cover
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum N/A No 250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-51238-010, PS-51238-018, RPS-51238-001 SD-51239-004
This document was generated on 04/06/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0512391205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X