|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0512391203 Active CRCTM Shielded Rectangular I/O Plug Housing, For Plug Assembly, Female Terminal, Signal, 12 Circuits, Polarization Type B, Polarization Position B-3 Documents: Drawing (PDF) Product Specification PS-51238-010 (PDF) Product Specification PS-51238-018 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 R72081037 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Application Component Type Product Name Type I/O Connectors 51239 N/A Housing CRCTM N/A Physical Boot Color Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Flammability Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A No N/A 12 Black 94V-0 Plug Yes Yes n/a Polyester 4 Vertical No Tray N/A 0.118 In 3.00 mm 0.118 In 3.00 mm Yes N/A 1 No -40C to +105C N/A No Search Parts in this Series 51239Series Mates With 51233 Use With 56380 plug shell body, 56120 and 56121 female terminal, 56381 plug shell cover Electrical Current - Maximum per Contact Shielded Voltage - Maximum N/A No 250V AC (RMS)/DC Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-51238-010, PS-51238-018, RPS-51238-001 SD-51239-004 This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0512391203 |