Part Number Hot Search : 
RU6085H UPD75066 C74AC IK1589KB PUMD6 NJM2801 D102K 000X1
Product Description
Full Text Search
 

To Download 0432238113 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0432238113 Active
modular_plugs_jacks Modular Jack, Right Angle, Low Profile, 8/10, 6 Ports
Product Specification PS-43223-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E107635 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 43223 PCB Jack No modular_plugs_jacks 3 N/A RJ45
Physical
Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Keying to Mating Part Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A Black 500 94V-0 No None None Phosphor Bronze Gold Tin High Temperature Thermoplastic Right Angle (Side Entry) Yes Yes 0.062 In 1.57 mm Tray Without Flange 0.040 In 1.02 mm 0.050 In 1.27 mm 50 1.25 100 2.5 6 8/10 No -40C to +85C Through Hole No
Search Parts in this Series 43223Series Mates With FCC 68 Plugs
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact Grounding to PCB Grounding to Panel Shielded Voltage - Maximum 1.5A Yes None No 150V AC (RMS)
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number A432238113
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-43249-004 PS-43223-001 SDA-43223 TS-43223-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0432238113

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X