Part Number Hot Search : 
FM250 F82C431 SK510L RU60E25R 0P100 MMUN2113 R1045 1N6762
Product Description
Full Text Search
 

To Download 0430201008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0430201008 Active
Micro-Fit, 3.0TM 3.00mm (.118") Pitch Micro-Fit 3.0TM Plug Housing, Dual Row, without Panel Mount Ears, Halogen-Free, 10 Circuits, Glow Wire Compatible
Documents: Drawing (PDF) Product Specification PS-43045 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA TUV UL LR19980 R72081037 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Overview Product Name Crimp Housings 43020 Micro-Fit, 3.0TM Micro-Fit 3.0TM
Physical
Circuits (maximum) Circuits Detail Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 10 10 Black 94V-0 Male Yes Yes Polyester 2 Bag Yes 0.118 In 3.00 mm 0.118 In 3.00 mm Yes No -40C to +105C
Search Parts in this Series 43020Series Mates With 43025 Micro-Fit 3.0TM Receptacle Housing Use With Micro-Fit 3.0TM Crimp Terminal, Male
Electrical
Current - Maximum per Contact 5A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-43045 SD-43020-001
This document was generated on 03/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0430201008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X