Part Number Hot Search : 
AD558S MTRPB TOLD9231 C1206 L8022 PB0126SS 9516L25 612NGME
Product Description
Full Text Search
 

To Download 0399100304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0399100304 Active
10.16mm (.400") BeauTM EurostyleTM, Fixed Mount PCB Terminal Block, High Voltage, High Power 40A, 4 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39910 Wire-to-Board One Piece USA-199 EurostyleTMFixed Mount Euro Block
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 4 4 Black Horizontal 94V-0 None Copper Tin Tin Polyester 1 Vertical 0.160 In 4.10 mm None No 0.400 In 10.16 mm 0.400 In 10.16 mm 150 3.75 150 3.75 Yes Fully No No 130C Through Hole 10, 12, 14, 16, 18, 8 0.75 - 6.0
Search Parts in this Series 39910Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum
40A 600V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 913504
Reference - Drawing Numbers
Sales Drawing SD-39910-002
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0399100304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X