Part Number Hot Search : 
S3C72M5 050AEX BR24E6TB B2412 15N60C P722M 5110AE 1005C
Product Description
Full Text Search
 

To Download 0399100110 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0399100110 Active
10.16mm (.400") BeauTM EurostyleTM, Fixed Mount PCB Terminal Block, High Voltage, High Power 60A, 10 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39910 Wire-to-Board One Piece USA-199 EurostyleTMFixed Mount Euro Block
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 10 10 Black Horizontal 94V-0 None Brass, Copper Tin Tin Polyester 1 Vertical 0.160 In 4.10 mm None No 0.400 In 10.16 mm 0.400 In 10.16 mm 150 3.75 150 3.75 Yes Fully No No 130C Through Hole 10, 12, 14, 16, 18, 6, 8 0.75 - 10.0
Search Parts in this Series 39910Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum
60A 600V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 910510
Reference - Drawing Numbers
Sales Drawing SD-39910-001
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
NO. OF CIRCUITS 02 03 04 05 06 07 08 09 10 11 12 13 14
DIM. "A" mm 21.8 32.0 42.2 52.3 62.5 72.6 82.8 93.0 103.1 113.3 123.4 133.6 143.8 in 0.86 1.26 1.66 2.06 2.46 2.86 3.26 3.66 4.06 4.46 4.86 5.26 5.66
DIM. "B" mm 10.16 20.32 30.48 40.64 50.80 60.96 71.12 81.28 91.44 101.60 111.76 121.92 132.08 in 0.400 0.800 1.200 1.600 2.000 2.400 2.800 3.200 3.600 4.000 4.400 4.800 5.200
STANDARD 399100102 399100103 399100104 399100105 399100106 399100107 399100108 399100109 399100110 399100111 399100112 399100113 399100114
OPTIONAL 10A IMPRINT 399120102 399120103 399120104 399120105 399120106 399120107 399120108 399120109 399120110 399120111 399120112 399120113 399120114
OPTIONAL 11A IMPRINT 399130102 399130103 399130104 399130105 399130106 399130107 399130108 399130109 399130110 399130111 399130112 399130113 399130114
MATERIAL NUMBER OPTIONAL OPTIONAL SLOTTED SLOTTED SCREW W/10A SCREW IMPRINT 399100402 399120402 399100403 399100404 399100405 399100406 399100407 399100408 399100409 399100410 399100411 399100412 399100413 399100414 399120403 399120404 399120405 399120406 399120407 399120408 399120409 399120410 399120411 399120412 399120413 399120414
OPTIONAL SLOTTED SCREW W/11A IMPRINT 399130402 399130403 399130404 399130405 399130406 399130407 399130408 399130409 399130410 399130411 399130412 399130413 399130414
OPTIONAL STAINLESS STEEL SCREW 399100702 399100703 399100704 399100705 399100706 399100707 399100708 399100709 399100710 399100711 399100712 399100713 399100714


▲Up To Search▲   

 
Price & Availability of 0399100110

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X