|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/23/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0395173005 Active 3.81mm (.150") Pitch EurostyleTM Vertical Plug, with Retention Screws, Front Wire Entry, 5 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series Terminal Blocks 39517 Wire-to-Board Front Wire Entry Plug USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Physical Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 5 Horizontal Yes 1 Vertical No 0.150 In 3.81 mm Yes No -40C to +105C 16, 18, 20, 22, 24, 26, 28, 30 0.05 - 1.31 Search Parts in this Series 39517Series Mates With Most 3.81mm (.150") Pitch Industry Standard PCB Headers, 39515 Vertical PCB Header with Threaded Retention Inserts, 39516 Horizontal PCB Header with Threaded Retention Inserts Electrical Current - Maximum per Contact Voltage - Maximum 8A 300V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-39500-001 SD-39517-001 This document was generated on 04/23/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Material Numbers Black 100% Tin Circuit size Printing Options None 395173002 395173003 395173004 395173005 395173006 395173007 395173008 395173009 395173010 395173011 395173012 395173013 395173014 395173015 395173016 395173017 395173018 395173019 395173020 10AV 395173302 395173303 395173304 395173305 395173306 395173307 395173308 395173309 395173310 395173311 395173312 395173313 395173314 395173315 395173316 395173317 395173318 395173319 395173320 11AV 395173402 395173403 395173404 395173405 395173406 395173407 395173408 395173409 395173410 395173411 395173412 395173413 395173414 395173415 395173416 395173417 395173418 395173419 395173420 None 395173502 395173503 395173504 395173505 395173506 395173507 395173508 395173509 395173510 395173511 395173512 395173513 395173514 395173515 395173516 395173517 395173518 395173519 395173520 30 u" Gold P rinting Options 10AV 395173802 395173803 395173804 395173805 395173806 395173807 395173808 395173809 395173810 395173811 395173812 395173813 395173814 395173815 395173816 395173817 395173818 395173819 395173820 11AV 395173902 395173903 395173904 395173905 395173906 395173907 395173908 395173909 395173910 395173911 395173912 395173913 395173914 395173915 395173916 395173917 395173918 395173919 395173920 None 395178002 395178003 395178004 395178005 395178006 395178007 395178008 395178009 395178010 395178011 395178012 395178013 395178014 395178015 395178016 395178017 395178018 395178019 395178020 100% Tin P rinting Options 10AV 395178302 395178303 395178304 395178305 395178306 395178307 395178308 395178309 395178310 395178311 395178312 395178313 395178314 395178315 395178316 395178317 395178318 395178319 395178320 11AV 395178402 395178403 395178404 395178405 395178406 395178407 395178408 395178409 395178410 395178411 395178412 395178413 395178414 395178415 395178416 395178417 395178418 395178419 395178420 None 395178502 395178503 395178504 395178505 395178506 395178507 395178508 395178509 395178510 395178511 395178512 395178513 395178514 395178515 395178516 395178517 395178518 395178519 395178520 Green 30 u" Gold Printing Options 10AV 395178802 395178803 395178804 395178805 395178806 395178807 395178808 395178809 395178810 395178811 395178812 395178813 395178814 395178815 395178816 395178817 395178818 395178819 395178820 11AV 395178902 395178903 395178904 395178905 395178906 395178907 395178908 395178909 395178910 395178911 395178912 395178913 395178914 395178915 395178916 395178917 395178918 395178919 395178920 Dim. A mm 8.41 12.22 16.03 19.84 23.65 27.46 31.27 35.08 38.89 42.70 46.51 50.32 54.13 57.94 61.75 65.56 69.37 73.18 76.99 inch 0.331 0.481 0.631 0.781 0.931 1.081 1.231 1.381 1.531 1.681 1.831 1.981 2.131 2.281 2.431 2.581 2.731 2.881 3.031 Dim B mm 3.81 7.62 11.43 15.24 19.05 22.86 26.67 30.48 34.29 38.10 41.91 45.72 49.53 53.34 57.15 60.96 64.77 68.58 72.39 inch 0.150 0.300 0.450 0.600 0.750 0.900 1.050 1.200 1.350 1.500 1.650 1.800 1.950 2.100 2.250 2.400 2.550 2.700 2.850 Dim C mm 12.81 16.62 20.43 24.24 28.05 31.86 35.67 39.48 43.29 47.10 50.91 54.72 58.53 62.34 66.15 69.96 73.77 77.58 81.39 inch 0.504 0.654 0.804 0.954 1.104 1.254 1.404 1.554 1.704 1.854 2.004 2.154 2.304 2.454 2.604 2.754 2.904 3.054 3.204 Dim D mm 18.01 21.82 25.63 29.44 33.25 37.06 40.87 44.68 48.49 52.30 56.11 59.92 63.73 67.54 71.35 75.16 78.97 82.78 86.59 inch 0.709 0.859 1.009 1.159 1.309 1.459 1.609 1.759 1.909 2.059 2.209 2.359 2.509 2.659 2.809 2.959 3.109 3.259 3.409 Dimensional Information 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Price & Availability of 0395173005 |