Part Number Hot Search : 
AN78N12 J100567 RF120 ISL59 24C64AW M74HC258 2700115 SK9124
Product Description
Full Text Search
 

To Download 0314081160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0314081160 Active
stac64_single_multipocket_and_hybrid_header_system USCAR 2.54mm (.100") Pitch Receptacle, 16 Circuits, Polarization A, Black
Documents: 3D Model Drawing (PDF) Application Specification (PDF)
Product Specification PS-31408-100 (PDF) RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Comments Overview Product Name Crimp Housings 31408 Polarization A stac64_single_multipocket_and_hybrid_header_system USCAR
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Ports Stackable Temperature Range - Operating 16 16 Black Female No None No Modified Polystyrene 2 Carton No 0.100 In 2.54 mm Yes 1 No -40C to +100C
Search Parts in this Series 31408Series Mates With 34691 Stac64 Right Angle Assembly. 34690 Stac64 Vertical Assembly
Electrical
Current - Maximum per Contact 10.2A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-31408-100 PK-31300-044 PS-31408-100 SD-31408-900
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0314081160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X