Part Number Hot Search : 
SEL4226C FR102 C2500 M54564 BU2727 A2000 9N03L BUK75
Product Description
Full Text Search
 

To Download 0039000281 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000281 Active
standard_093 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1189, Female, with Tin (Sn) over Copper Plated Brass Contact, 14-20 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-1189-009 (PDF) Product Specification PS-3191-003 (PDF)
Product Specification PS-3191-004 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 1189 Yes standard_093 Standard .093" EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Brass Tin Tin Reel 35 0.88 35 0.88 Crimp or Compression 1.60-4.10mm (.063-.161") 14, 16, 18, 20 N/A
Material Info
Old Part Number 1189AT
Search Parts in this Series 1189Series Use With 1375r , 1490r , 1545r , 1261r , 1951r , 1396r , 2629r , 2163r , 1619r , 1292r , 1360r Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638927100 Applicator Mini-MacTM 0638927300 Applicator Extraction Tool 0011030006 Terminator Die 0011402001 Japan Description Product # Hand Extraction Tool 0011260029
Reference - Drawing Numbers
Product Specification Sales Drawing PS-1189-009, PS-3191-003, PS-3191-004, RPS-1189-001, RPS-3191-002, RPS-3191-005 SD-1189*
Applicator for M211A 0011260069 Bench Press, 14-28 AWG, for 8980-6C, 8980-6C1, 1189, 1190, 1380, 1381, 1433 and 1434 Crimp Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000281

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X