Part Number Hot Search : 
CTRL922 MAZ3027 P6KE2 0DDA6 2SD314E TSX631 GS832 2N1936
Product Description
Full Text Search
 

To Download 0015977103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015977103 Active
minifit_tpa 4.20mm (.165") Pitch Mini-Fit TPATM Header, Dual Row, Vertical, with Snap-in Plastic Peg PCB Lock, 10 Circuits, Tin (Sn) Plating, without Drain Holes
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Comments PCB Headers 30069 Wire-to-Board Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 Mini-Fit Plus HCSTM Crimp Terminal Crimpted to to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current de-rating information.. Square Pin, Solder Type, High Vibration Application minifit_tpa Mini-Fit TPATM
Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) No 10 10 Black 30 No 94V-0 No No None Yes Brass Tin Tin Polyester 2 Vertical Yes Yes 0.070 In 1.80 mm Tray 0.165 In 4.20 mm 0.165 In 4.20 mm 35
Search Parts in this Series 30069Series Mates With 30067 Mini-Fit TPATM Receptacle Housing Use With Mini-Fit TPATM Receptacle Housing 30071 , 30072
Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
0.90 35 0.90 Yes Yes Partial No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 13A 600V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235
Material Info
Old Part Number 30069-10C1
Reference - Drawing Numbers
Product Specification Sales Drawing PS-5556-003 SDA-30069-****
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0015977103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X