|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0015060060 Active minifit_bmi 4.20mm (.165") Pitch Mini-Fit BMITM Receptacle Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-2, 6 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA TUV UL General Product Family Series Comments Crimp Housings 42474 Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current derating information. Yes minifit_bmi Mini-Fit BMITM MolexKits Overview Product Name Physical Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 6 Natural 94V-2 Female No None Nylon 2 Bag Yes 0.165 In 4.20 mm Yes No -40C to +105C Search Parts in this Series 42474Series Mates With 42475 Mini-Fit BMITM Plug Housing. 43879 MiniFit CPITM Header. Mini-Fit BMITM Header 42404 , 42440. Mini-Fit SMCTM Surface Mount Compatible Header 43810 , 44068 Use With 5556 Mini-FitTM Crimp Terminal Electrical Current - Maximum per Contact 13A Material Info Old Part Number 42474-0611 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary PK-42474-001 PS-5556-002 SD-42474-**** TS-5556-002 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0015060060 |