Part Number Hot Search : 
1KSMB56A SBR5035 VTC5765C 00MHZ MC1441 B1240 AW56W 73200
Product Description
Full Text Search
 

To Download 0002081003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0002081003 Active
mlx MLX Crimp Terminal 42024, 14-20 AWG, Reel Tin (Sn)
Documents: Drawing (PDF) Product Specification PS-42022-0001 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 42024 Yes mlx MLXTM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Phosphor Bronze Tin Tin Reel 20 0.50 20 0.50 Crimp or Compression 1.52-3.30mm (.060-.130") 14, 16, 18, 20 N/A
Material Info
Old Part Number 42024-1B1
Search Parts in this Series 42024Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639007500 Applicator for MXLTM Crimp Terminals, 14-20 AWG wire with 2.08 to 2.50mm dia. Insulation FineAdjustTM 0639009800 Applicator for MXLTM Crimp Terminals, 14-20 AWG wire with 2.41 to 2.95mm dia. Insulation FineAdjustTM 0639009900 Applicator for MXLTM
Reference - Drawing Numbers
Product Specification Sales Drawing PS-42022-0001 SD-42024-****
Crimp Terminals, 14-20 AWG wire with 2.65 to 3.30mm dia. Insulation Tooking Kit for 0639107500 MiniFit Compliant Pin Insertion T2 Terminator 0639109800 Tooling Die for MLXTM Crimp Terminals, 14-20 AWG T2 Terminator 0639109900 Tooling Die for MLXTM Crimp Terminals, 14-20 AWG HAND CRIMP TOOL 0638116800 Extraction Tool 0011010168
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0002081003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X