Part Number Hot Search : 
32M16 74HC43 BZX84C39 01209 1A050D RBV410 KA3843 BZX84C39
Product Description
Full Text Search
 

To Download ZVG55W-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZVG55W-3
3.2x1.6mm SMD CHIP LED LAMP
Features
3.2mmx1.6mm SMT LED,1.8mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.2(0.008") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg VG (InGaAlP) 5 30 150 75 -40 ~ +85 C -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR VG (InGaAlP) 2.1 2.5 10
Unit V mA mA mW
Unit V V uA
P
574
nm
D
570
nm
20
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 198
Wavelength nm P
Viewing Angle 2 1/2
ZVG55W-3
Green
InGaAlP
Water Clear
70
574
50
Published Date : FEB 23, 2008
Drawing No : SDSA4505
V3
Checked : B.L.LIU
P.1/4
Part Number:
www.SunLED.com
ZVG55W-3
3.2x1.6mm SMD CHIP LED LAMP
VG
Published Date : FEB 23, 2008
Drawing No : SDSA4505
V3
Checked : B.L.LIU
P.2/4
Part Number:
www.SunLED.com
ZVG55W-3
3.2x1.6mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 23, 2008 Drawing No : SDSA4505 V3 Checked : B.L.LIU P.3/4
Part Number:
www.SunLED.com
ZVG55W-3
3.2x1.6mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZVG55W-3
Published Date : FEB 23, 2008
Drawing No : SDSA4505
V3
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZVG55W-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X