Part Number Hot Search : 
BU1850 ES450 1580C TDA7384 2SC327 MJI6012 1N4761 CONTROLS
Product Description
Full Text Search
 

To Download ZMD60W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMD60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
Features
3.0mmx1.5mm SMT LED,1.4mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACKLIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.20(0.008") unless otherwise noted. 3.Specifications are subject to change without notice.
Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg
MD (InGaAlP) 5 30 185 75 -40 ~ +85
Unit V mA mA mW
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
MD (InGaAlP) 1.9 2.5 10
Unit V V uA
P
640
nm
C -40 ~ +85
D
628
nm
27
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 278
Wavelength nm P
Viewing Angle 2 1/2
ZMD60W
Red
InGaAlP
Water Clear
110
640
70
Published Date : FEB 23, 2008
Drawing No : SDSA2524
V5
Checked : B.L.LIU
P.1/4
Part Number:
ZMD60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
MD
Published Date : FEB 23, 2008
Drawing No : SDSA2524
V5
Checked : B.L.LIU
P.2/4
Part Number:
ZMD60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 23, 2008 Drawing No : SDSA2524 V5 Checked : B.L.LIU P.3/4
Part Number:
ZMD60W
www.SunLED.com
3.0mmx1.5mm SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMD60W
Published Date : FEB 23, 2008
Drawing No : SDSA2524
V5
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMD60W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X