Part Number Hot Search : 
EPE6303S IPP80 2N2204 79L12 2SC2315 74LS1 6M321RPB SD60C52P
Product Description
Full Text Search
 

To Download VPPQ-1003A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VPPQ-1003A 100W Quad Output with PFC Function
Features
*Universal AC input / Full range *Built-in active PFC function *Short circuit, overload, over-voltage protected *Cooling by free air convection *100% full load burn-in test *Fixed switching frequency at PFC:67KHz PWM:134KHz (Optional) *2 year warranty
CH1 DC output voltage Output V. tolerance Output rated current Output current range Ripple & noise Line regulation Load regulation DC output power Efficiency DC voltage adj. Input voltage range AC current Inrush current Leakage current Overload protection Over voltage protection Temperature coefficient Set up, rise, hold up time Power factor Vibration Withstand voltage Isolation resistance Working temp., humidity Storage temp., humidity Dimensions Weight Safety standards EMC standards
Notes:
CH2 5V 3%
CH3 12V 6%
CH4 -5V 6%
3.3V 3%
10A 10A 2A 0.3A 0~15A 2~15A 0.2~3A 0-1A 100mV 100mV 150mV 100mV 1% 1% 2% 1% 2% 2% 6% 1% 108.5W 72% +10% -5% ------90 ~ 264VAC 127 ~370VDC 1.65A/115V 0.85A/230V cold start 40A <1mA /240VAC 105%-135% type: Hiccup mode, recovers automatically after fault condition is removed CH1: 3.6 ~ 4.3V CH2: 5.75 ~ 6.75V Protection type : Shut down o/p voltage, re-power on to recover 0.03% / C (0~50C) ON +5V output 800ms, 50ms, 16ms at full load PF>0.95/230VAC PF>0.98/115VAC at full load 10~500Hz, 2G 10 min./1 cycle, period of 60 min. each axes I/P-O/P: 3KVAC, I/P-FG: 1.5KVAC, O/P-FG: 0.5KVAC, for 1 min. I/P-O/P, I/P-FG, O/P-FG:500VDC / 100M Ohms min. -10C~+60% (refer to output derating curve), 20%-90% RH -20C~+85C, 10%-95% RH 7x4.25x1.5 inches (178x108x38 mm) 1.1 lb. (0.5 Kg) UL1950, TUV EN60950 Approved Meets CISPR22 (EN55022) Class B
1. All parameters are specified at 230VAC input, rated load, 25C 70% RH ambient 2. Tolerance includes set up tolerance, line regulation, load regulation 3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uF & 47 uF capacitor 4. Line regulation is measured from low line to high line at rated load 5. Load regulation is measured from 20% to 100% rated load, and oother output at 60% rated load 6. Each output provide up to maximum current, but total load cannot exceed max. output power
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer's applications using V-Infinity products other than repair or replacing (at V-I's option) V-Infinity products not meeting V-I's published specifications. Nothing will be covered outside of standard product warranty.
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
VPPQ-1003A 100W Quad Output with PFC Function
Output Derating
Static Characteristics
Dimensions (mm)
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258


▲Up To Search▲   

 
Price & Availability of VPPQ-1003A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X