Part Number Hot Search : 
6R1000 FR306 P010027 SMA53 X1341 A1574T SP100 SMA53
Product Description
Full Text Search
 

To Download VCS20AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VCXO SMD LOW PROFILE/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
VCSAT SERIES
FEATURES
5.0 Volt VDD HCMOS Enable/Disable Many Stability/Pullability Options -40 ~ +85C Temp Range Option
The Fox VCS Series VCXO is an SMD, tight stability, voltage controlled oscillator available in a wide range of stability and pullability options. It is intended to be a general purpose VCXO with minimum utilization of board space.
ELECTRICAL CHARACTERISTICS (VDD = 5.0V, CL = 15pF)
PARAMETERS
Frequency Range (Fo)
FREQUENCY RANGE
1.000 ~ 77.760
CONDITIONS
1.000 -10 -40 -40 +4.75 +0.5
MIN
Temperature Range Operating (TOPR) Storage Supply Voltage Control Voltage Input Current (TSTG) (VDD) (Vc) (IDD)
52.000 3 77.760 +70 +85 +85 +5.25 +4.5 20 30 40 60 60 5 5 0.5 16.0 -4.0 10 15 10 100 +10
MAX
UNITS
MHz C V V mA
VCXO
Output Symmetry Rise Time (TR) Fall Time (TF) Output Voltage (VOL) (VOH) Output Current (IOL) (IOH) Output Load Start-up Time (TS) Enable/Disable Time 4 Frequency Linearity Modulation Bandwidth
1 2
1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 18.000 18.000+ ~ 36.000 36.000+ ~ 52.000 52.000+ ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760 1.000 ~ 77.760
2.5V 1.0V ~ 4.0V 4.0V ~ 1.0V IOL = 16.0 mA IOH = -4.0 mA VOL = 0.5V VOH = 4.5V TTL HCMOS
40
% nS V mA TTL pF mS nS % kHz Pullability
Vc = 2.5 2.0V
4.5
-10 20
MODEL SELECTION
Inclusive of 25C tolerance, operating temperature range, input voltage change,load change, aging, shock, vibration, and Vc=2.5V. Available on an individual inquiry basis 3 Custom specifications from 52.000 to 77.760MHz available on an individual inquiry basis. Note: An alternative pin connection with E/D on pin #5 is available. All specifications subject to change without notice. Rev. 11/26/01
ENABLE / DISABLE FUNCTION
4
Model Number
-10C~+70C -40C~+85C VCS12AT VCS12ATR 2 VCS15AT VCS15ATR VCS22AT VCS22ATR 2 VCS25AT VCS25ATR VCS20AT VCS20ATR
(PPM) (MAX)1 (PPM) (MIN)
Stability
Pin 2 OPEN 2.2 V 0.8 V
OUTPUT (Pin 4) ACTIVE ACTIVE High Z
25*** 50 25 50 100
50 50 100 100 100
All dimensions are in millimeters.
See page 74 for tape and reel specifications.
FOXElectronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
941-693-0099
FAX 941-693-1554 http://www.foxonline.com
(c) 2000 FOX ELECTRONICS
65


▲Up To Search▲   

 
Price & Availability of VCS20AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X