Part Number Hot Search : 
DT7101 3266X201 3266X201 MC74HCT1 2A152 BL8596 CZRW5222 459848
Product Description
Full Text Search
 

To Download VCP3028X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model VCP3028X Frequency Translator
Features:
* * * * * * 155.52 MHz SAW-based LVPECL output RoHS Compliant Low Profile Surface Mount Package Excellent solder reflow performance PCB Substrate for excellent TCE match Non-peaking attenuation Response
VCP3028X 155 M CTS 07XX
Description and applications:
Surface mount 15.9 mm SQ frequency translator operating at a 3.3V supply with complementary LVPECL outputs for use in telecom & datacom
*
See WWW.CTSCORP.COM for product patent status.
Electrical Specifications:
VCP3028X Input frequency Output frequency Supply Voltage ( 5%) PECL input PECL output Output Duty Cycle Current Drain Operating Temperature Input frequency tracking capability Jitter attenuation Peaking RMS phase jitter generation (12 kHz to 50 MHz) Specification 77.76 MHz 155.52 MHz 3.3V 400 mV min. peak-to-peak Logic "0" Logic "1" 45/55% max 95 mA max. -40 to 85 C +/- 32 ppm minimum > > 3 dB @ 400 Hz offset 6 dB @ 1 kHz offset Min. 1.49V 2.28V Max. 1.68V 2.42V
<0.1 dB <1 psec max.
VCP3028X REV. A 03/26/07 CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
Mechanical Dimensions (mm):
15.9mm x 15.9mm x 3.1 mm (max.):
VCP3028X
15.90.1 [.625.004] Pin #1 mark PIN 14 PIN 13
3.1 MAX [.122] 0.76 [.030]
6.98 [.275]
2.62 TYP [.103]
1.14 TYP [.045]
PIN 1 PIN 2 15.90.1 PIN 3 [.625.004] PIN 4 PIN 5
PIN 12 PIN 11 PIN 10 PIN 9 PIN 8 C L
VCP3028X 155.52 M CTS 07XX
2.54 TYP [.100]
1.02 TYP [.040]
PIN 6
PIN 7 0.25 [.010]
O0.51[.020] 10 places
C L HATCHING INDICATES BARRIER COATING OVER RESIST MASK OVER GROUND PLANE
1.7 [.067] TYP
Recommended Land Pattern
17.60 [.693] 12.75 [.502]
THIRD ANGLE PROJECTION
1.19 TYP [.047]
All dimensions are in MM [Inches]. All dimensions are nominal unless otherwise specified. Lead Termination Finish: Gold Flash, <10 micro inch, over Ni plated Cu.
17.60 [.693] 13.18 [.519] C L
2.54 TYP [.100]
Package outline
C L 3.49 [.137] 6.98 [.275]
2.79 TYP [.110]
VCP3028X REV. A 03/26/07 CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
VCP3028X _________________________________________________________________ PIN OUT
Pin 1 Symbol LD Function Lock detect Logic "1" indicates a locked condition (CMOS level >Vdd-.04) Logic "0" indicates that no input signal is present or the input signal has moved out of the lock range (CMOS Level <0.4V) Input frequency NC: not connected internally Ground Enable/ disable Logic "0" = output disabled (CMOS Level <0.4V) Logic "1" = output enabled (CMOS Level > Vdd-0.4 V) Ground Ground Complementary output Output Power supply voltage No connection Ground Ground Ground
2 3 4 5
IN /IN GND E/D
6 7 8 9 10 11 12 13 14
Gnd Gnd /OUT OUT Vcc N/C Gnd Gnd Gnd
VCP3028X REV. A 03/26/07 CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
VCP3028X _________________________________________________________________ Tape & Reel Information
Tape width 24 mm, pitch 20 mm, as per EIA 481-2, 1000 units per reel max
Environmental Limits:
Storage Temperature Humidity Vibration Mechanical Shock -40 to +90 C. 95% Relative humidity max @ 70C. 10 to 60 Hz with double amplitude of 1.52mm max. (1/2 hour in each of 3 perpendicular planes). 1/2 sine pulse, 3000G, with pulse width 0.3mSec. (3 shock in each of 6 directions of 3 perpendicular planes).
VCP3028X REV. A 03/26/07 CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/
VCP3028X _________________________________________________________________
Device is capable of withstanding reflow of 260 degrees C for 10 seconds maximum.
Solder Reflow Conditions
Moisture Sensitivity: MSL 1
RoHS: This device is fully compliant to RoHS Directive 2002/95/EC.
VCP3028X REV. A 03/26/07 CTS Electronic Components, Inc. 171 Covington Dr. Bloomingdale, Illinois 60108
http://www.ctscorp.com/


▲Up To Search▲   

 
Price & Availability of VCP3028X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X