Part Number Hot Search : 
LT241 8848ZE AD1380KD M52790FP 40N120 HZS12LA2 003DBGWP 11002
Product Description
Full Text Search
 

To Download VBD10-D12-S12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/3
VBD10 Series DC-DC Converters Rev. 06-2006 Features
*10W Isolated Output *Efficiency to 82% *2:1 Input Range *Pi Input Filter *Continuous short circuit protection *Meets EN55022 Class A conducted
Model Number VBD10-D12-S5 VBD10-D12-S12 VBD10-D12-S15 VBD10-D12-D12 VBD10-D12-D15 VBD10-D12-D5 VBD10-D24-S5 VBD10-D24-S12 VBD10-D24-S15 VBD10-D24-D12 VBD10-D24-D15 VBD10-D24-D5 VBD10-D48-S5 VBD10-D48-S12 VBD10-D48-S15 VBD10-D48-D12 VBD10-D48-D15 VBD10-D48-D5 VBD10-D5-S5 VBD10-D5-S12 VBD10-D5-S15 VBD10-D5-D12 VBD10-D5-D15 VBD10-D5-D5
Input Voltage 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 4.7-9VDC 4.7-9VDC 4.7-9VDC 4.7-9VDC 4.7-9VDC 4.7-9VDC
Output Voltage 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC 5VDC 12VDC 15VDC 12VDC 15VDC 5VDC
Output Current Min. 100mA 45mA 35mA 25mA 20mA 50mA 100mA 45mA 35mA 25mA 20mA 50mA 100mA 45mA 35mA 25mA 20mA 50mA 0mA 0mA 0mA 0mA 0mA 0mA Max. 2000mA 830mA 666mA 415mA 333mA 1000mA 2000mA 830mA 666mA 415mA 333mA 1000mA 2000mA 830mA 666mA 415mA 333mA 1000mA 1600mA 666mA 533mA 333mA 266mA 800mA
Input Current No Load 30mA 30mA 30mA 40mA 40mA 40mA 20mA 20mA 20mA 20mA 20mA 20mA 10mA 10mA 10mA 10mA 10mA 10mA 15mA 15mA 15mA 15mA 15mA 15mA Full Load 1100mA 1065mA 1065mA 1065mA 1065mA 1065mA 535mA 520mA 520mA 520mA 520mA 520mA 260mA 254mA 254mA 254mA 254mA 254mA 2130mA 2100mA 2100mA 2100mA 2100mA 2100mA Efficiency 76% 78% 78% 78% 78% 78% 78% 80% 80% 80% 80% 80% 80% 82% 82% 82% 82% 82% 75% 76% 76% 76% 76% 76%
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
2/3
VBD10 Series DC-DC Converters Rev. 06-2006
Input
Input Voltage Range 5V 12V 24V 48V 4.7-9V 9-18V 18-36V 36-72V PI Type
Input Filter Type
Output
Voltage Accuracy Transient Response Single 25% Step Load Change Minimum Output Current Ripple & Noise 20MHz BW, Temperature Coefficient Short Circuit Protection Line Regulation 1 Single Output Load Regulation 2 Single Output Current Limit Threshold Range, % lo rated 1.0% max. <500 sec. 10% Full Load 100mV p-p., max 0.02%/C Continuous 0.2% max 1.0% max 110%~140%
General Specifications
Efficiency Isolation Voltage Isolation Resistance Switching Frequency Operating Temperature Range Case Temperature Storage Temperature EMI/RFI Dimensions Case Material see table 500VDC min. 10 9 ohms min 200KHz, Type -25C to +71C 100C max. -40C to +100C Six sided Continuous Shield 2.0x1.0x0.4 inches (50.8x25.4x10.2mm) Black Coated Copper with Non-Conductive Base
NOTES: 1. Measured from high line to low line 2. Measured from full load to 1/4 load
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
3/3
VBD10 Series DC-DC Converters Rev. 06-2006
V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-date product information before placing orders. V-Infinity assumes no liability or responsibility for customer's applications using VInfinity products other than repair or replacing (at V-I's option) V-Infinity products not meeting V-I's published specifications. Nothing will be covered outside of standard product warranty.
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258


▲Up To Search▲   

 
Price & Availability of VBD10-D12-S12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X