Part Number Hot Search : 
MMJT9410 ECH8631 MBT440 ST7787 HCT1G125 ST7787 05M05 SDZ24V
Product Description
Full Text Search
 

To Download VABD3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 rev. page date 1 of 3
08/2007
PART NUMBER: VABD3 series
DESCRIPTION: DC/DC converter
features
*3W Isolated output *efficiency to 80% *2:1 input range *regulated outputs *Pi input filter *low ripple and noise *24-Pin DIP package *continuous short circuit protection *meets EN55022 Class B, conducted *remote ON/OFF option *single output
model number 1, 2, 3, 4 VABD3-D12-S3R3 VABD3-D12-S5 VABD3-D12-S12 VABD3-D12-S15 VABD3-D12-D5 VABD3-D12-D12 VABD3-D12-D15 VABD3-D24-S3R3 VABD3-D24-S5 VABD3-D24-S12 VABD3-D24-S15 VABD3-D24-D5 VABD3-D24-D12 VABD3-D24-D15 VABD3-D48-S3R3 VABD3-D48-S5 VABD3-D48-S12 VABD3-D48-S15 VABD3-D48-D5 VABD3-D48-D12 VABD3-D48-D15 NOTES:
1. 2. 3. 4. suffix suffix suffix suffix "HM" for 1.5K Vdc isolation "H" for 3K Vdc isolation "-SMT" for SMT case style "-1" for on/off control option
input voltage 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 9-18VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 18-36VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC 36-72VDC
output voltage 3.3VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC 3.3VDC 5VDC 12VDC 15VDC 5VDC 12VDC 15VDC
output current 600mA 600mA 250mA 200mA 300mA 125mA 100mA 600mA 600mA 250mA 200mA 300mA 125mA 100mA 600mA 600mA 250mA 200mA 300mA 125mA 100mA
input current no load full load 7.5mA 236mA 7.5mA 340mA 7.5mA 320mA 7.5mA 329mA 12mA 340mA 12mA 329mA 12mA 333mA 5mA 113mA 5mA 168mA 5mA 156mA 5mA 156mA 7.5mA 168mA 7.5mA 156mA 7.5mA 160mA 3mA 2mA 2mA 2mA 3mA 3mA 3mA 58mA 82mA 82mA 82mA 82mA 82mA 82mA
efficiency 70% 73% 78% 76% 73% 76% 75% 73% 74% 80% 80% 74% 80% 78% 71% 76% 77% 77% 76% 76% 76%
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382
rev. page date 2 of 3
08/2007
PART NUMBER: VABD3 series
DESCRIPTION: DC/DC converter
INPUT
input voltage range 12V 24V 48V input filter 9-18V 18-36 36-72 Pi Type
OUTPUT
voltage accuracy voltage balance (dual) temperature coefficient ripple and noise, 20MHz BW short circuit protection line regulation single/dual 1 load regulation single 2 dual 3 2.0% max. 1.0% max. 0.05% / C max. 100mV p-p max. 1% p-p max. continuous 0.5% 0.5% 1.0%
3.3V / 5V 12V / 15V
GENERAL SPECIFICATIONS
efficiency isolation resistance switching frequency isolation resistance operating temperature range storage temperature case Temp.(plastic case) (copper case) cooling EMI/RFI dimensions see table 10 9 Ohms 100kHz min. 10 9 Ohms -25C to +71C -40C to +100C 95Cmax. 100Cmax. free air convection conductive EMI Meet EN55022 Class B 1.25x0.8x0.5 inches (31.8x20.3x12.7mm)
ISOLATION VOLTAGE
500 VDC min 1.5K VDC mon 3K VDC min4 standard models suffix HM" models suffix "H" models
CASE MATERIAL
standard models suffix "M" models5 non-conductive black plastic black coated copper with non-conductive base
NOTES: 1. measured from high line to low line 2. measured from full load to 10% load 3. measured from full load to 1/4 load 4. non-conductive black plastic only 5. suffix "-1" to the model number with remote on/off for "H"/"HM" versions only
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382
rev. page date 3 of 3
08/2007
PART NUMBER: VABD3 series
DESCRIPTION: DC/DC converter
DIMENSIONS (mm)
DERATING CURVE
120%
-25 71
100%
80%
Output Load(%)
60%
40%
Plastic Case Copper Case
20%
95
0%
-25 0 25 50 75
100
100
Ambient Temperature(C)
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2382


▲Up To Search▲   

 
Price & Availability of VABD3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X