Part Number Hot Search : 
HFC0310 2SB819 T2N2222A FR301 ATU18600 2SB819 5318S21 BR351
Product Description
Full Text Search
 

To Download TS2937CM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TS2937/A
500mA Ultra Low Dropout Fixed Positive Voltage Regulator
Low Dropout Voltage 0.6V max.
Pin assignment: 1. Input 2. Ground 3. Output
General Description
The TS2937/A series of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in battery-power application. Furthermore, the quiescent current increases on slightly at dropout, which prolongs battery life. This series of fixed-voltage regulators features very low ground current (100uA Typ.) and very low drop output voltage (Typ. 60mV at light load and 600mV at 500mA). This includes a tight initial tolerance of 1% (TS2937A) and 2% (TS2937), extremely good line regulation of 0.05% typ., and very low output temperature coefficient. This series is offered in 3-pin TO-263, TO-220, TO-252 & SOT-223 package.
Features
Dropout voltage typically 0.6V @Io=500mA Output current up to 500mA Output voltage trimmed before assembly -18V Reverse peak voltage +30V Input over voltage protection +60V Transient peak voltage Internal current limit Thermal shutdown protection
Block Diagram
Ordering Information
Part No. TS2937CZxx TS2937ACZxx TS2937CMxx TS2937ACMxx TS2937CPxx TS2937ACPxx TS2937CWxx SOT-223 TS2937ACWxx Note: Where xx denotes voltage option, available are 8.0V, 5.0V, 3.3V, 2.5V and 1.8V. Contact factory for additional voltage options. TO-252 -20 ~ +85 oC TO-263 Operation Temp. (Ambient) TO-220 Package
Absolute Maximum Rating (Note 1)
Input Supply Voltage (Note 2) Operation Input Supply Voltage Power Dissipation (Note 3) Operating Junction Temperature Range Storage Temperature Range Lead Soldering Temperature (260 oC) TO-220 / TO-263 Package TO-252 / SOT-223 Package 5 4 S Vin Vin (operate) PD TJ TSTG -18 ~ +60 26 Internally Limited -40 ~ +125 -65 ~ +150 V V W
o o
C C
TS2937
1-6
2003/12 rev. B
Electrical Characteristics
Vin = Vout + 1V, IL = 5mA, Co = 6.8uF, Ta = 25 oC, unless otherwise specified.
Parameter
Output Voltage
o
Conditions
Ta = 25 C
o
Min
0.990|Vo| 0.980|Vo| 0.980|Vo| 0.960|Vo| ---
Typ
8.0 / 5.0 3.3 / 2.5 1.8
Max
1.010|Vo| 1.020|Vo| 1.020|Vo| 1.040|Vo|
Unit
v V
TS2937A TS2937
Output Voltage
Ta = -25 ~ 85 C
TS2937A TS2937
V V ppm/ oC
Input Supply Voltage Output Voltage Temperature Coefficient Line Regulation Load Regulation Dropout Voltage (Note 4) Vo+1V Vin 26V 5mA IL 500mA IL=100mA IL=300mA IL=500mA Quiescent Current (Note 5) IL=100uA IL=300mA IL=500mA Short Circuit Current (Note 6) Output Noise, 10Hz to 100KHz, IL=10mA Vout=0 CL=2.2uF CL=3.3uF CL=33uF
-50
26 150
-------------
0.05 0.2 100 300 500 100 12 25 0.9 500 350 120
0.5 1.0 200 400 600 ---1.3 ----
% %
mV
uA mA
A
uVrms
Thermal Performance
Condition
Thermal Resistance Junction to Ambient TO-220 TO-263 TO-252 SOT-223
Package type
Typ
60 80 150 170
Unit
o
C/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed Specifications and test conditions see the Electrical Characteristics. Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%). Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, Tj, the junction to ambient thermal resistance, ja, and the ambient temperature, Ta. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The effective value of ja can be reduced by using a heatsink. Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V differential. Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the ground pin current and output load current. Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 500mA at the maximum specified temperature.
TS2937
2-6
2003/12 rev. B
Application Information
The TS2937/A series is a high performance with low dropout voltage regulator suitable for moderate to high current and voltage regulator application. Its 500Mv (typ) dropout voltage at full load and over temperature makes it especially valuable in battery power systems and as high efficiency noise filters in post regulator applications. Unlike normal NPN transistor design, where the base to emitter voltage drop and collector to emitter saturation voltage limit the minimum dropout voltage, dropout performance of the PNP output of these devices is limited only by low Vce saturation voltage. The TS2937/A series is fully protected from damage due to fault conditions. Linear current limiting is provided. Output current during overload conditions is constant. Thermal shutdown the device when the die temperature exceeds the maximum safe operating temperature. Transient protection allows device survival even when the input voltage spikes above and below nominal. The output structure of these regulators allows voltages in excess of the desired output voltage to be applied without reverse current flow. good transient response and stability over temperature. Aluminum electrolytic can also be used, as long as the ESR of the capacitor is <2ohm. The value of the output capacitor can be increased without limit. Higher capacitance values help to improved transient response and ripple rejection and reduce output noise.
Minimum Load Current
The TS2937/A series is specified between finite loads. If the output current is too small leakage currents dominate and the output voltage rises. A 5mA minimum load current is necessary for proper regulation.
Input Capacitor
An input capacitor of 1uF or greater is recommended when the device is more that 4 inches away from the bulk AC supply capacitance or when the supply is a battery. Small and surface mount ceramic chip capacitors can be used for bypassing. Larger values will help to improve ripple rejection by bypassing the input to the regulator, further improving the integrity of the output voltage.
Typical Application Circuit
Thermal Characteristics
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of the application. Under all possible operating conditions, the junction temperature must be within the range specified under absolute maximum ratings. To determine if the heatsink is required, the power dissipated by the regulator, PD must be calculated. The below formula shows the voltages and currents for calculating the PD in the regulator: Iin = IL / IG PD = (Vin-Vout) * IL + (Vin) * IG Ex. PD = (3.3V-2.5V) * 0.5A + 3.3V * 11mA = 400mW + 36mW = 436mW Remark: IL is output load current, IG is ground current. Vin is input voltage Vout is output voltage
Output Capacitor
The TS2937/A series requires an output capacitor to maintain stability and improve transient response. Proper capacitor selection is important to ensure proper operation. The output capacitor selection is dependent upon the ESR of the output capacitor the maintain stability. When the output capacitor is 6.8uF or greater, the output capacitor should have an ESR less than 2 ohm. This will improve transient response as well as promoted stability. Ultra low ESR capacitors (<100mohm), such as ceramic chip capacitors may promote instability. These very low ESR levels may cause an oscillation and/or under damped transient response. A low ESR solid tantalum capacitor works extremely well and provide
TS2937
3-6
2003/12 rev. B
Application Information (continued)
The next parameter which must be calculated the maximum allowable temperature rise. TR(max) is calculated by the using to formula: TR(max) = TJ(max) - TA(max) Where: TJ(max) is the maximum allowable junction o temperature, which is 125 C for commercial grade parts.TA(max) is the maximum ambient temperature which will be encountered in the application. Using the calculated values for TR(max) and PD, the maximum allowable value for the junction to ambient thermal resistance, ja, can now be found:
ja = TR(max) / PD
IMPORTANT: if the maximum allowable value for is found to be 60 o C/W for the TO-220 package, 80 oC/W for the o TO-263 package, 150 C/W for the TO-252 package, o or 170 C/W for the SOT-223 package, no heatsink is needed since the package alone will dissipate enough heat to satisfy these requirements. If the calculated value for ja falls below these limits, a heatsink is required.
TS2937
4-6
2003/12 rev. B
TO-220 Mechanical Drawing
A
B
C
K L
DIM
TO-220 DIMENSION MILLIMETERS INCHES MIN 10.000 3.240 2.440 0.381 2.345 4.690 12.700 8.382 14.224 3.556 0.508 27.700 2.032 0.255 5.842 MAX 10.500 4.440 2.940 6.350 1.106 2.715 5.430 14.732 9.017 16.510 4.826 1.397 29.620 2.921 0.610 6.858 MIN 0.394 0.128 0.096 0.015 0.092 0.092 0.500 0.330 0.560 0.140 0.020 1.060 0.080 0.010 0.230 MAX 0.413 0.175 0.116 0.250 0.040 0.058 0.107 0.581 0.355 0.650 0.190 0.055 1.230 0.115 0.024 0.270
P
J I
M
D H F G E
O N
A B C D E F G H I J K L M N O P
TO-263 Mechanical Drawing
A
E F
DIM A B C D E F G H I J
B
I H
C D
G
TO-263 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 10.000 10.500 0.394 0.413 14.605 15.875 0.575 0.625 0.508 0.991 0.020 0.039 2.420 2.660 0.095 0.105 4.064 4.830 0.160 0.190 1.118 1.400 0.045 0.055 0.450 0.730 0.018 0.029 8.280 8.800 0.325 0.346 1.140 1.400 0.044 0.055 1.480 1.520 0.058 0.060
TS2937
5-6
2003/12 rev. B
TO-252 Mechanical Drawing
J A
E F
DIM A B C D E F G
I B
TO-252 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.570 6.840 0.259 0.269 9.250 10.400 0.364 0.409 0.550 0.700 0.022 0.028 2.560 2.670 0.101 0.105 2.300 2.390 0.090 0.094 0.490 0.570 0.019 0.022 1.460 1.580 0.057 0.062 0.520 5.340 1.460 0.570 5.550 1.640 0.020 0.210 0.057 0.022 0.219 0.065
G D C H
H I J
SOT-223 Mechanical Drawing
A B
I
DIM A B
SOT-223 DIMENSION MILLIMETERS INCHES MIN MAX MIN MAX 6.350 6.850 0.250 0.270 2.900 3.100 0.114 0.122 3.450 0.595 4.550 2.250 0.835 6.700 0.250 10 1.550 3.750 0.635 4.650 2.350 1.035 7.300 0.355 16 1.800 0.136 0.023 0.179 0.088 0.032 0.263 0.010 10 0.061 0.148 0.025 0.183 0.093 0.041 0.287 0.014 16 0.071
H
C
J
K
F G E D
C D E F G H I J K
TS2937
6-6
2003/12 rev. B


▲Up To Search▲   

 
Price & Availability of TS2937CM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X