Part Number Hot Search : 
K16A60W TE330 30D60 JE13005 ZX79C 2SK2504 EUR23D 1030C
Product Description
Full Text Search
 

To Download TMV0505S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TMV Series, 1 Watt
compliant
RoHS
Features Single-in-Line (SIL) Package Isolated Single and Dual Output Models I/O-Isolation 3`000 VDC High Efficiency up to 81% Extended Temperature Range
-40C to +85C

Pin-compatible with other Manufacturers 100% Burn-in (8 h) Lead free Design, RoHS compliant 3 Year Product Warranty
The TMV series are miniature, isolated 1 W DC/DC-converters with high isolation in a Single-in-Line package (SIP). Requiring only 1.2 cm2 board space they offer the ideal solution in many space critical applications for board level power distribution. The use of SMD-technology makes it possible to offer a product with high performance at low cost.
Models
Ordercode TMV 0505S TMV 0512S TMV 0515S TMV 0505D TMV 0512D TMV 0515D TMV 1205S TMV 1212S TMV 1215S TMV 1205D TMV 1212D TMV 1215D TMV 2405S TMV 2412S TMV 2415S TMV 2405D TMV 2412D TMV 2415D http://www.tracopower.com 24 VDC 10% 12 VDC 10% 5 VDC 10% Input voltage Output voltage 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output current max. 200 mA 80 mA 65 mA 100 mA 40 mA 30 mA 200 mA 80 mA 65 mA 100 mA 40 mA 30 mA 200 mA 80 mA 65 mA 100 mA 40 mA 30 mA Efficiency typ. 71 % 78 % 78 % 72 % 78 % 79 % 73 % 80 % 80 % 74 % 81 % 81 % 71 % 78 % 79 % 72 % 79 % 80 % Page 1 of 3
DC/DC Converters
TMV Series Input Specifications
Input current no load /full load 5 Vin models 30 mA / 260 mA typ. 12 Vin models 12 mA / 110 mA typ. 24 Vin models 7 mA / 50 mA typ. 5 Vin models 9 V max. 12 Vin models 18 V max. 24 Vin models 30 V max. 0.3 A max. can be reduced by ext. 1-3.3 F polyester film capacitor internal capacitor 3% 1 % max. 1.2 % / 1 % change Vin 10 % max. 100 mV pk-pk max. 0.02 % / K limited 1 sec. max. single output models: 680 F max. dual output models: 220 F max. - Operating - Case temperature - Storage -40 C ... +85 C +95 C max. -40 C ... +105 C 95 % rel H max. >2'000'000 h @ 25 C 3`000 VDC 60 pF typ. >10`000 M Ohm 100 kHz typ. (Frequency modulation) 30 % max. Input/Output Input/Output Input/Output - Input variation - Load variation 20 - 100 %
1 Watt
Surge voltage (1 sec. max.)
Reverse voltage protection Reflected input ripple current* Input filter
Output Specifications
Voltage set accuracy Voltage balance (dual output models) Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Capacitive load
General Specifications
Temperature ranges
Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217E) Isolation voltage Isolation capacity Isolation resistance Switching frequency Frequency change over line and load
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TMV Series Physical Specifications
Case material Package weight Soldering temperature - Single output models - Dual output models non conductive FR4 (UL 94V-0 rated) 2.1 g (0.07 oz) 2.6 g (0.09 oz) max. 265C / 10 sec
1 Watt
Outline Dimensions mm (inches) Pin-Out
10.2 (0.4) Pin 1 2 5 3.2 (0.13) 6 7 Single +Vin (Vcc) -Vin (GND) -Vout No pin +Vout Dual +Vin (Vcc) -Vin (GND) -Vout Common +Vout 0.5 (0.02) 0.5
(0.02)
2.3
0.4 (0.09
0.02)
2.54
(0.1)
7.62 (0.3) 19.5 (0.77)
2.54 2.54
(0.1) (0.1)
0.5 (0.02)
1
2
5
6 0.5 (0.02)
7
1.25
Tolerances 0.25 (0.01) pins 0.05 (0.002)
Specifications can be changed without notice
Rev. 10/05.1
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43 311 45 11 * Fax +41 43 311 45 45 * info@traco.ch * www.tracopower.com
(0.05)
6.1 (0.24)
Bottom view
24 V Models
0.25 (0.01)
4.75 (0.19)
5.75 (0.23)
7.1 (0.28)
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TMV0505S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X