Part Number Hot Search : 
SI2124 ERF6B1 SS805 BZX85C75 3PB2540 XRT72L50 311649 P1504
Product Description
Full Text Search
 

To Download TIP2908 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TIP29/TIP29A/TIP29B/TIP29C -- NPN Epitaxial Silicon Transistor
July 2008
TIP29/TIP29A/TIP29B/TIP29C
NPN Epitaxial Silicon Transistor
Features
* Complementary to TIP30/TIP30A/TIP30B/TIP30C
1. Base 2. Collector 3. Emitter
Absolute Maximum Ratings TC=25C unless otherwise noted
Symbol VCBO Collector-Base Voltage Parameter : TIP29 : TIP29A : TIP29B : TIP29C Value 40 60 80 100 40 60 80 100 5 1 3 0.4 30 2 150 - 65 ~ 150 Units V V V V V V V V V A A A W W C C
VCEO
Collector-Emitter Voltage : TIP29 : TIP29A : TIP29B : TIP29C Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Base Current Collector Dissipation (TC=25C) Collector Dissipation (Ta=25C)
VEBO IC ICP IB PC
TJ TSTG
Junction Temperature Storage Temperature
(c) 2008 Fairchild Semiconductor Corporation TIP29/TIP29A/TIP29B/TIP29C Rev. A
www.fairchildsemi.com 1
TIP29/TIP29A/TIP29B/TIP29C -- NPN Epitaxial Silicon Transistor
Electrical Characteristics TC=25C unless otherwise noted
Symbol VCEO(sus) Parameter *Collector-Emitter Sustaining Voltage : TIP29 : TIP29A : TIP29B : TIP29C Collector Cut-off Current : TIP29/29A : TIP29B/29C Collector Cut-off Current : TIP29 : TIP29A : TIP29B : TIP29C IEBO hFE Emitter Cut-off Current *DC Current Gain VCE = 40V, VEB = 0 VCE = 60V, VEB = 0 VCE = 80V, VEB = 0 VCE = 100V, VEB = 0 VEB = 5V, IC = 0 VCE = 4V, IC = 0.2A VCE = 4V, IC = 1A IC = 1A, IB = 125mA VCE = 4V, IC = 1A VCE = 10V, IC = 200mA 3.0 40 15 200 200 200 200 1.0 A A A A mA Test Condition Min. Max. Units
IC = 30mA, IB = 0
40 60 80 100
V V V V
ICEO
VCE = 30V, IB = 0 VCE = 60V, IB = 0
0.3 0.3
mA mA
ICES
75 0.7 1.3 V V MHz
VCE(sat) VBE(sat) fT
*Collector-Emitter Saturation Voltage *Base-Emitter Saturation Voltage Current Gain Bandwidth Product
* Pulse Test: PW300ms, Duty Cycle2%
(c) 2008 Fairchild Semiconductor Corporation TIP29/TIP29A/TIP29B/TIP29C Rev. A
www.fairchildsemi.com 2
TIP29/TIP29A/TIP29B/TIP29C -- NPN Epitaxial Silicon Transistor
Typical Characteristics
VBE(sat), VCE(sat)[mV], SATURATION VOLTAGE
1000
10000
VCE = 4V
IC/IB = 10
hFE, DC CURRENT GAIN
100
1000
VBE(sat)
10
100
VCE(sat)
1 1 10 100 1000 10000
10 1 10 100 1000 10000
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
Figure 1. DC current Gain
Figure 2. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
10
40 35
IC[A], COLLECTOR CURRENT
IC(MAX) (PULSE)
PC[W], POWER DISSIPATION
30 25 20 15 10 5 0
s 1m
IC(MAX) (DC)
1
s 5m
DC
TIP29 VCEO MAX. TIP29A VCEO MAX. TIP29B VCEO MAX. TIP29C VCEO MAX.
0.1 10 100
0
25
50
o
75
100
125
150
175
200
VCE[V], COLLECTOR-EMITTER VOLTAGE
TC[ C], CASE TEMPERATURE
Figure 3. Safe Operating Area
Figure 4. Power Derating
(c) 2008 Fairchild Semiconductor Corporation TIP29/TIP29A/TIP29B/TIP29C Rev. A
www.fairchildsemi.com 3
TIP29/TIP29A/TIP29B/TIP29C -- NPN Epitaxial Silicon Transistor
Mechanical Dimensions
TO220
(c) 2008 Fairchild Semiconductor Corporation TIP29/TIP29A/TIP29B/TIP29C Rev. A
www.fairchildsemi.com 4
TIP29/TIP29A/TIP29B/TIP29C NPN Epitaxial Silicon Transistor
(c) 2008 Fairchild Semiconductor Corporation TIP29/TIP29A/TIP29B/TIP29C Rev. A
www.fairchildsemi.com 5


▲Up To Search▲   

 
Price & Availability of TIP2908

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X