Part Number Hot Search : 
CX4005 MC100H6 DRDN005W CX4005 MC100H6 T3324551 TA8025F C2012X5R
Product Description
Full Text Search
 

To Download TIP120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
TIP120
* * * *
Features
Low collector-emitter saturation voltage Amplifier applications -emitter shunt resistors TO-220 compact package Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates RoHS Compliant. See ordering information) Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
Rating Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Peak Collector Current Collector Current Collector power dissipation(Tc=25 OC ) Junction Temperature Storage Temperature Thermal Resistence, Junction to case Thermal Resistence, Junction to ambient Rating 60 60 5.0 8.0 5.0 65 -55 to +150 -55 to +150 1.92 62.5 Min 60 ------Max --0.2 2.0 0.5 Unit V V V A A W O C O C O C/W O C/W Units Vdc mAdc mAdc mAdc
DIM A B C D F G H J K L N Q R S T U V
NPN Epitaxial Darlington Transistors
*
Maximum Ratings @ Ta=25 OC Unless Otherwise Specified
Symbol V CEO V CBO V EBO ICP IC PC TJ TSTG RthJC RthJA
TO-220
B F Q T A U 12 H K 3 C S
Electrical Characteristics @ 25 OC Unless Otherwise Specified
Symbol Parameter Collector-Emitter Breakdown Voltage (I C=100mAdc, IB =0) Collector-Base Cutoff Current (V CB=60Vdc,IE =0) Em itter-Base Cutoff Current (V EB =5.0Vdc, IC=0) Collector-Emitter Cutoff Current (V CE=30Vdc, IB =0) Forward Current Transfer Ratio (I C=0.5Adc, VCE=3.0Vdc) Forward Current Transfer Ratio (I C=3.0Adc, V CE=3.0Vdc) Collector-Emitter Saturation Voltage (I C=3.0Adc, IB =12mAdc) Collector-Emitter Saturation Voltage (I C=5.0Adc, IB =20mAdc) Base-Emitter On Voltage (I C=3.0Adc, V CE=3.0Adc)
OFF CHARACTERISTICS
V (BR)CEO ICBO IEBO ICEO
L G N
V D
PIN 1. PIN 2. PIN 3.
J R
BASE COLLECTOR EMITTER
ON CHARACTERISTICS
hFE-1 hFE-2 V CE(sat)-1 V CE(sat)-2 V BE(on) 1000 1000 ----------2.0 4.0 2.5 Vdc Vdc Vdc
DIMENSIONS INCHES MM MIN MAX MIN MAX .560 .625 14.22 15.88 .380 .420 9.65 10.67 .140 .190 3.56 4.82 .020 .139 .190 --.012 .500 .045 .190 .100 .080 .045 .230 ----.045 .045 .161 .110 .250 .025 .580 .060 .210 .135 .115 .055 .270 .050 ----0.51 3.53 2.29 --0.30 12.70 1.14 4.83 2.54 2.04 1.14 5.84 ----1.15 1.14 4.09 2.79 6.35 0.64 14.73 1.52 5.33 3.43 2.92 1.39 6.86 1.27 -----
NOTE
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Revision: 4
www.mccsemi.com
1 of 2
2009/08/11
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;1Kpcs/Box
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
2 of 2
2009/08/11
1


▲Up To Search▲   

 
Price & Availability of TIP120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X