Part Number Hot Search : 
02822 ER1006 SMB100A DF08G MSG104 B39A1 P11S2 SDT18
Product Description
Full Text Search
 

To Download TGJ-200-6C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TGJ Series * General Purpose Coupling Transformers
Features * EMI noise suppression in the common mode * small size SMD package for high density board placement * SMD package is pick and place compatible and provides consistent and reliable coplanarity * low leakage inductance * Manufactured in an ISO-9001:2000, TS-16949:2002 and SO-14001:2004 certified Talema facility * Fully RoHS compliant and meets lead free reflow level J-STD-020C Electrical Specifications Ratings@ 25C ambient Power Rating with 40C temperature rise : 500mW Dielectric Strength between windings: 500Vrms Operating Temperature Range: -40C to +85C Storage Temperature: -40C to +125C Insulation Resistance: 10,000 MOhm minimum Test Frequency: Inductance measured @ 100kHz/20mVrms Standard packing: Tape and reel
Typical Applications include: General Isolation, Telecommunications, LAN Coupling and Isolation, Modems, Voltage Step-Up or Step-Down, Impedance Matching and Baluns
TGJ Series * SMD Common Mode EMI Noise Suppression Chokes
Part Number TGJ-50-6C TGJ-200-6C TGJ-500-6C TGJ-2000-6C TGJ-5000-6C TGJ-200-6G TGJ-500-6G TGJ-2000-6G TGJ-5000-6G TGJ-200-6D TGJ-500-6D TGJ-2000-6D TGJ-200-GH TGJ-500-6H TGJ-2000-6H OCL (H 30% ) 50 200 500 2000 5000 200 500 2000 5000 200 500 2000 200 500 2000 Turns Ratio 2% 1:1:1 1:1:1 1:1:1 1:1:1 1:1:1 2:1:1 2:1:1 2:1:1 2:1:1 1ct:1ct 1ct:1ct 1ct:1ct 2ct:1ct 2ct:1ct 2ct:1ct LL Pri/Sec (H Max) 0.5 0.3 0.4 0.8 1.3 0.8 1.1 1.8 3.6 0.3 0.4 0.8 0.8 1.2 1.8 CC Pri/Sec (pF Max) 18 18 32 37 60 8 11 19 33 18 32 37 8 12 19 Rise Time (nS Max) 5.6 4.2 5.3 8.2 10.5 3.2 5.6 11 16 4.2 5.3 8.2 3.2 5.6 11 Primary ET (V-S Min) 5.2 5.9 8.5 16 25 5.0 8.5 16 25 5.0 8.5 16 5.0 8.5 16 RCUP (mOhms) 110 210 330 690 1370 210 330 690 1100 210 300 690 300 330 690 RCUS (mOhms) 110 210 330 690 1370 105 165 345 550 210 330 690 150 165 345 RCUT (mOhms) 120 240 390 810 130 105 165 345 550 ------Schematic C C C C C G G G G D D D H H H
TGJ
Suggested Pad Layout
0.200 (5.08) 0.100 (2.54) 1
0 - 8
Schematic C&G
2 5 3 6 4 1 2 3
0.453 0.374 (11.50) (9.50)
TALEMA IN WK/YR Part Number
D&H
6 5 4
0.307 (7.80) 0.283 0.244 (7.20) (6.20)
0.492 0.287 (12.50) (7.30)
0.047 (1.20)
0.020 x 0.12 (0.50 x 0.30)
Dimensions: Inches (Millimeters) To l e r a n c e : 0 . 0 1 0 ( 0 . 2 5 ) u n l e s s s p e c i f i e d o t h e r w i s e S u r f a c e c o p l a n a r i t y w i l l b e 0 . 0 0 4 ( 0 . 0 1 ) maximum
Germany: Int.+49 89 - 841 00-0 * Ireland: Int.+35 374 - 954 8666 * Czech Rep: Int.+420 37 - 744 9303 * India: Int.+91 427 - 244 1325 http://www.talema-nuvotem.com (10-06) Communications \ Networks\TGJ


▲Up To Search▲   

 
Price & Availability of TGJ-200-6C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X