Part Number Hot Search : 
TLP267J IRF40N03 74ABT KT862L15 TMP88 KRA101S 221M25V8 KBU3510
Product Description
Full Text Search
 

To Download TBF-1005-245-F1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Now under development
TLF series
Low top max. 0.35mm Excellent frequency characteristic
Example of application and its Characteristic Low Pass filter (LPF) for digital terrestrial broadcasting receiver
TLF-1005-078-***
1.0 0.1mm
Mechanical
0.50 0.1mm
Electrical
0.3mm
0.4mm 0.35mm max
specification Simulation
Insertion Loss 470~770MHz 1.0dB max
Attenuation 1.7GHz 30dB min
TLF-1608-078-***
Mechanical
0.80 0.1mm
1.60 0.1m
Electrical
0.35 0.15mm
0.35mm max 1.0 0.15m
specification Simulation
470~600MHz 1.0dB max
Insertion Loss 600~710MHz 1.8dB max
710~770MHz 3.5dB max
Attenuation 890MHz~2.5GHz 20dB min
TLF-2012-078-***
2.0 0.1mm
Mechanical
1.25 0.1mm 0.35 0.1mm
Electrical
0.30mm Typ 1.2 0.1mm
specification Simulation
470~570MHz 1.5dB max
Insertion Loss 570~670MHz 2.0dB max
670~770MHz 3.5dB max
Attenuation 880MHz~2.5GHz 15dB min
susumu group catalog
0.4mm and small size.
SPECIFICATIONS
TBF-1005-245-F1 TBFseries (except "TBF-1005-245-F1")
T L T
Mechanical
L
W
W
a
b
a
c b
d
Dimension TBF1005(mm) 245-F1 1.0 0.1 L 0.5 0.1 W 0.4 0.1 T 0.4 0.1 a 0.15 0.05 b 0.15 0.05 c 0.25 0.05 d F1 Input GND Output Input GND Output Dimension (mm) L W T a b
TBF1005 1.0 0.05 0.5 0.05 0.5 max 0.2 0.05 0.3 0.05 TBF1005 GND GND Input Output
TBF1608 1.6 0.1 0.8 0.1 0.4 max 0.6 0.1 0.4 0.1 TBF1608 Input Output GND GND
TBF2012 2.0 0.1 1.25 0.1 0.4 max 0.75 0.1 0.4 0.1 TBF2012 Output Input GND GND
Electrical
Band-Pass Filter
For Bluetooth, W-LAN 2450 2400 2500 2.5dB at 25 C 2.8dB at 40 85 C 30.0dB at 824 25.0dB at 1700 30.0dB at 4800 20.0dB at 7200 For DCS 1810 1710 1910 2.0dB at 25 C 2.3dB at 40 85 C For Bluetooth, W-LAN 2450 2400 2500 1.7dB at 25 C 1.9dB at 40 85 C 20.0dB at 1710 1910MHz 30.0dB at 4800 5000MHz 30.0dB at 7200 7500MHz 2.0 Max. 50 500mW Max. For Bluetooth, W-LAN 2450 2400 2500 1.5dB at 25 C 1.6dB at 40 85 C 30.0dB at 880 25.0dB at 1710 30.0dB at 4800 30.0dB at 7200 For Bluetooth, W-LAN 2450 2400 2500 2.5dB at 25 C 960MHz 1990MHz 2170MHz 5000MHz 7500MHz
960MHz 1900MHz 20.0dB at 855 955MHz 5000MHz 10.0dB at 2565 2865MHz 7500MHz
40.0dB at 880 960MHz 35.0dB at 1710 1910MHz 20.0dB at 2110 5000MHz 30.0dB at 4800 7500MHz 20.0dB at 7200
PART NUMBER
TBL 1608 - 245 - M2
Type(see electrical characteristics table) Center Frequency F0 Dimension Part Code
susumu group catalog
0.4mm and small size.
SPECIFICATIONS Mechanical
TBL1608 series
1.0 0.1 0.4 0.1 0.2 0.05 0.3 0.05 Top View 0.5 0.2 0.8 0.05 1.6 0.05 0.4max
TBL1608-245-M2 TBL1608-245-M2 NC GND or Dc feed GND or Dc feed NC Unbalance Port Balance Port Balance Port Unbalance Port GND or Dc feed NC Balance Port Balance Port
0.1 0.05
0.25 0.05
(Dimension:mm) (Dimension:mm)
0.3 0.1 0.4 0.08 0.1 0.1 0.3 0.1
BACK View
TBL1005 Balance Port Balance Port GND or Dc feed + RF GND Unbalance Port
0.35 0.1 0.2 0.05
TDP series
2.0 0.1 0.4max
2.0
0.15 0.05 0.3 0.5 0.1 0.225 0.1
0.1
0.05
1.25 0.1
TBB2012 Unbalance Port Dcfeed and RF GND or GND NC Balance Port GND
0.3
0.05
1.25 0.1
TDP series LB HB GND HB LB GND GND
0.3 0.05
0.35 0.05
(Dimension:mm)
0.2 0.05
0.35 0.05
(Dimension:mm)
Electrical
Balun
For Bluetooth, W-LAN 2450 2400 2500 50 50 180 10deg 1.2dB Max at 25 C 2.0 Max 500mW Max For Bluetooth, W-LAN 2450 2400 2500 50 100 180 10deg 1.2dB Max at 25 C 2.0 Max 500mW Max For W-LAN 5375 4900 5850 50 100 180 10deg 1.2dB Max at 25 C 2.0 Max 500mW Max For Bluetooth, W-LAN 2450 2400 2500 50 100 180 10deg 1.0dB Max at 25 C 2.0 Max 500mW Max For Bluetooth, W-LAN 2450 2400 2500 50 50 180 10deg 1.0dB Max at 25 C 2.0 Max 500mW Max
Diplexer
For CDMA 824 960MHz 1710 2170MHz 0.70dB at 824 915MHz 0.85dB at 925 960MHz 0.75dB at 1710 1910MHz 0.85dB at 1910 2170MHz 20dB at 1648 1830MHz 25dB at 2400 2500MHz 20dB at 2472 2745MHz 20dB at 3296 3660MHz 10dB at 3240 3820MHz 10dB at 5130 5730MHz 10dB at 6840 7640MHz 2.0 Max. 2.0 Max. 50
Balance filter
For Bluetooth, W-LAN 2450 2400 2500 50 Conjyugate match to CSR series 180 10deg 2.0 MAX 3.5dB Max at 25 C 35.0dB at 880 960MHz 30.0dB at 1700 1880MHz 20.0dB at 1880 1990MHz 30.0dB at 4800 5000MHz 500mW Max
PART NUMBER
TBL 1608 - 245 - M2
Type(see electrical characteristics table) Center Frequency F0 Dimension Part Code
susumu group catalog


▲Up To Search▲   

 
Price & Availability of TBF-1005-245-F1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X