Part Number Hot Search : 
MAX38 E058A40 2SD2499 AN5551 ADG512BN H1270NL DG261208 LM129BH
Product Description
Full Text Search
 

To Download T6A20L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6.0 AMP SILICON RECTIFIER T6A05L~ T6A100L
6.0 Amp Silicon Rectifiers
Features
* * * * * Low forward voltage drop high current capability High forward surge current capability High reliability High temperature soldering guaranteed 260C/10 seconds /.375" (9.5mm) lead length, 5lbs (2.3kg) tension * RoHS compliant
T6L
Mechanical Data
Case: Epoxy: Terminals: Polarity: Weight: T6L, molded plastic Meets UL 94V-0 flammability rating Axial leads, solderable per MIL-STD-202G, Method 208 Cathode indicated by color band 0.07 Ounce, 2.1 gram
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current T6A 05L 50 35 50 T6A 10L 100 70 100 T6A 20L 200 140 200 T6A 40L 400 280 400 6.0 T6A 60L 600 420 600 T6A 80L 800 560 800 T6A 100L 1000 700 1000 Unit V V V A Conditions
VRRM VRMS VDC IF(AV)
Note 1
8.3ms single half sine-wave superimposed on rated load (JEDEC method)
IFSM
400
A
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 to +125
C
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-247-2232 (800)-TAITRON (661)-257-6060 (800)-TAITFA (800)-824-8329 (661)-257-6415
Rev. A/NX Page 1 of 5
6.0 Amp Silicon Rectifiers T6A05L~ T6A100L
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Symbol Description Maximum Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Maximum Thermal Resistance T6A 05L T6A 10L T6A 20L T6A 40L 0.95 5.0 A 400 100 pf T6A 60L T6A 80L T6A 100L Unit V Conditions
VF IR
CJ
IF at 6.0 A TA=25 C TA=100 C
VR=4V, f=1MHz Note 2
R-JA
10
C/W
Note: 1. 60Hz, resistive or inductive load. Derate current by 20% for capacitive load 2. Thermal resistance from junction to ambient at .375" (9.5mm) lead length.
Typical Characteristics Curves
IF(AV) Average Forward Current (A)
Ambient Temperature Ta (C) Fig.1- Forward Current Derating Curve Number of Cycles at 60Hz Fig.2- Max. Non-Repetitive Forward Surge Current
Instantaneous Forward current (A)
Rev. A/NX www.taitroncomponents.com Page 2 of 5
6.0 Amp Silicon Rectifiers T6A05L~ T6A100L
Instantaneous Reverse current (A) Instantaneous Forward current (A)
Instantaneous Forward Voltage (V) Fig.3-Typical Instantaneous Forward Characteristics
Percentage of Peak Reverse Voltage (%)
Dimensions in inches (mm)
T6L
Rev. A/NX www.taitroncomponents.com Page 3 of 5
6.0 Amp Silicon Rectifiers T6A05L~ T6A100L
Packing Information:
Carrier Tape Dimensions (in mm) Loaded quantity 750 PCS per reel
Components Outline T6L
A 100.5
B 52.41
| L1- L2| Max.1.0
T 60.4
E Max.0.8
Z Max.1.2
Reel Dimensions (in mm)
D 330.02.0
D0 16.60.4
D1 85.70.3
W 79.01.0
Carton Information
PCS per Carton 3000 Carton Size 340X340X330 ( in mm)
Rev. A/NX www.taitroncomponents.com Page 4 of 5
6.0 Amp Silicon Rectifiers T6A05L~ T6A100L
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/NX www.taitroncomponents.com Page 5 of 5


▲Up To Search▲   

 
Price & Availability of T6A20L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X