Part Number Hot Search : 
A2S1CSQ MSDW1033 TC74LCX 03000 CHUMD2PT ACS8947T CHUMD2PT P1012
Product Description
Full Text Search
 

To Download STD-1947 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Kaga Electronics(USA) Inc. ADAPTER - 90W
FEATURE Desktop Input range Output Efficiency Protection Load regulation Leakage current M.T.B.F. Cable Type Dimension Weight
IEC 320/C6 90-264V/47~63Hz 12V~24V/3.75A~7A(90W max.) 80% typical
Short Circuit, Over Voltage and Over Current Protection
5% Less than 3.5mA 50,000 hours min. at 25C, full load UL1185/ 14AWG or 16AWG 138X61X36 415g
APPLICATION LCD Monitor,Notebook,Printer,Portable device SAFETY & EMI Safety EMI
UL/cUL/GS/CB/PSE/BSMI CE Class B; Conduction & Radiation MEET
ENVIRONMENTAL Operating temperature 0~+40C Storage Temperature -20~+60C Relative Humidity (operating)20~80%RH (storage)10~90%RH
MODEL NO MODEL NAME 1 STD-1207 2 STD-1506 3 STD-1656 4 STD-1805 5 STD-1947 6 STD-2045 7 STD-2437
Voltage(V) 12 15 16 18 19 20 24
Current(A) 7 6 5.6 5 4.7 4.5 3.75
Power(W) 84 90 90 90 90 90 90
MECHANICAL DRAWING
Kaga Electronics (USA) Inc.
www.volgen.com
information@volgen.com


▲Up To Search▲   

 
Price & Availability of STD-1947

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X