Part Number Hot Search : 
13003 TSC128D HM304 LM555CN F39W60CP CH493DPT 11110 CH493DPT
Product Description
Full Text Search
 

To Download ST232B08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST232B ST232C
5 V powered multi-channel RS-232 drivers and receivers
Features

Supply voltage range: 4.5 to 5.5 V Supply current no load (typ.): 5 mA Transmitter output voltage swing (typ): 7.8 V Controlled output slew rate Receiver input voltage range: 30 V Data rate (typ.): 220 kbps Operating temperature range: - -40 to 85 C - 0 to 70 C Compatible with MAX232 and MAX202
DIP SOP
SOP Large
TSSOP
Description
The ST232 is a 2 driver, 2 receiver device following EIA/TIA-232 and V.28 communication standard. It is particularly suitable for applications where 12 V is not available. The ST232 uses a single 5 V power supply and only four external capacitors (0.1 F). Typical applications are in: portable computers, low power modems, interfaces translation, battery powered RS-232 system, multi-drop RS-232 networks.
Table 1.
Device summary
Temperature range 0 to 70 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C 0 to 70 C -40 to 85 C Package DIP-16 SO-16 (tape and reel) SO-16 (tape and reel) SO-16 Large (tape and reel) SO-16 Large (tape and reel) TSSOP16 (tape and reel) TSSOP16 (tape and reel) Rev 14 Packaging 25 parts per tube / 40 tube per box 2500 parts per reel 2500 parts per reel 1000 parts per reel 1000 parts per reel 2500 parts per reel 2500 parts per reel 1/19
www.st.com 19
Order code ST232CN ST232CDR ST232BDR ST232CWR ST232BWR ST232CTR ST232BTR February 2008
ST232B - ST232C
Contents
1 2 3 4 5 6 7 Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Typical application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
2/19
ST232B - ST232C
Pin configuration
1
Figure 1.
Pin configuration
Pin connections (top view)
Table 2.
Pin n 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Pin description
Symbol C1+ V+ C1C2+ C2VT2OUT R2IN R2OUT T2IN T1IN R1OUT R1IN T1OUT GND VCC Note Positive terminal for the first charge pump capacitor Doubled voltage terminal Negative terminal for the first charge pump capacitor Positive terminal for the second charge pump capacitor Negative terminal for the second charge pump capacitor Inverted voltage terminal Second transmitter output voltage Second receiver input voltage Second receiver output voltage Second transmitter input voltage First transmitter input voltage First receiver output voltage First receiver input voltage First transmitter output voltage Ground Supply voltage
3/19
Maximum ratings
ST232B - ST232C
2
Table 3.
Symbol VCC TIN RIN TOUT ROUT TSCTOUT TSTG
Maximum ratings
Absolute maximum ratings
Parameter Supply voltage Transmitter input voltage range Receiver input voltage range Transmitter output voltage range Receiver output voltage range Short circuit duration on TOUT Storage temperature range Value -0.3 to 6 -0.3 to (VCC + 0.3) 30 (V+ + 0.3) to (V- - 0.3) -0.3 to (VCC + 0.3) infinite -65 to + 150 Unit V V V V V
Note:
1 2
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. No external supply can be applied to V+ terminal and V- terminal.
4/19
ST232B - ST232C
Electrical characteristics
3
Table 4.
Electrical characteristics
Electrical characteristics (C1 - C4 = 0.1 F, VCC = 5 V 10 %, TA = -40 to 85 C, unless otherwise specified. Typical values are referred to TA = 25 C).
Parameter VCC Power supply current Test condition No Load, TA = 25C Min. Typ. 5 Max. 10 Unit mA
Symbol ISUPPLY
Table 5.
Transmitter electrical characteristics (C1 - C4 = 0.1 F, VCC = 5 V 10 %, TA = -40 to 85 C, unless otherwise specified. Typical values are referred to TA = 25 C).
Parameter Output voltage swing Input leakage current Input logic threshold low Input logic threshold high Transition slew rate Data rate Transmitter output resistance Transmitter output short circuit current TA = 25C, VCC = 5V RL = 3 to 7k CL = 50 to 2500pF (1) ,
(2)
Symbol VTOUT ITIL VTIL VTIH SRT DR RTOUT ISC
Test condition All transmitter outputs are loaded with 3k to GND
Min. 5
Typ. 7.8
Max.
Unit V
40 0.8 2 7 120 300 10 60 220 30
A V V V/s kbits/s mA
VCC = V+ = V- = 0V VOUT = 2V One TXOUT to GND
1. Measured from 3 V to -3 V or from -3 V to 3 V 2. One transmitter output is loaded with RL = 3 k to 7 k, CL = 50 to 1000 pF
5/19
Electrical characteristics Table 6.
ST232B - ST232C
Receiver electrical characteristics (C1 - C4 = 0.1 F, VCC = 5 V 10 %, TA = -40 to 85 C, unless otherwise specified. Typical values are referred to TA = 25 C).
Parameter Receiver input voltage operating range RS-232 input resistance RS-232 input threshold low RS-232 input threshold high RS-232 input hysteresis TTL/CMOS output voltage low TTL/CMOS output voltage high Receiver output short circuit current Receiver propagation delay CL = 150pF (1) TA = 25C, VCC = 5 V, VRIN = 5V TA = 25C, VCC = 5 V TA = 25C, VCC = 5 V VCC = 5V IOUT = 3.2mA (to VCC) IOUT = -1mA (to GND) 3.5 VCC-0.4 10 0.3 1 0.2 Test condition Min. -30 3 0.8 5 1.2 1.7 0.5 2.4 1 0.4 Typ. Max. 30 7 Unit V k V V V V V mA s
Symbol VRIN RRIN VRIL VRIH VRIHYS VROL VROH ISCR tDR
1. RS-232 in to TTL-CMOS out (from 50% to 50%)
6/19
ST232B - ST232C
Typical application
4
Figure 2.
Typical application
Application circuit (1) (2)
1. C1-4 capacitors can even be 1F ones 2. C1-4 can be common or biased capacitors
Table 7.
C1 0.1
Capacitance value (F)
C2 0.1 C3 0.1 C4 0.1 C5 0.1 7/19
Typical performance characteristics
ST232B - ST232C
5
Figure 3.
Typical performance characteristics
(Unless otherwise specified TJ = 25 C) Supply current vs temperature Figure 4. Data rate vs temperature
Figure 5.
Receiver propagation delay
Figure 6.
Driver propagation delay
Figure 7.
High level output voltage swing vs temperature
Figure 8.
Low level output voltage swing vs temperature
8/19
ST232B - ST232C
Typical performance characteristics
Figure 9.
High level transmitter output short circuit current vs temperature
Figure 10. Low level transmitter output short circuit current vs temperature
Figure 11. High level receiver output short circuit current vs temperature
Figure 12. Low level receiver output short circuit current vs temperature
9/19
Package mechanical data
ST232B - ST232C
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
10/19
ST232B - ST232C
Package mechanical data
Plastic DIP-16 (0.25) mechanical data
mm. Dim. Min. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 Typ. Max. Min. 0.020 0.030 0.020 0.010 0.787 0.065 Typ. Max. inch.
P001C
11/19
Package mechanical data
ST232B - ST232C
SO-16 mechanical data
Dim. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. Min. Typ. Max. 1.75 0.25 1.64 0.46 0.25 0.013 0.007 0.019 0.004 Min. inch. Typ. Max. 0.068 0.010 0.063 0.018 0.010
0016020D
12/19
ST232B - ST232C
Package mechanical data
SO-16L mechanical data
Dim. A a1 a2 b b1 C c1 D E e e3 F G L M S 0.5 1.27 0.75 8 (max.) 0.020 0.050 0.029 7.4 10.1 10.0 1.27 8.89 7.6 0.291 10.5 10.65 0.35 0.23 0.5 45 (typ.) 0.397 0.393 0.050 0.350 0.300 0.413 0.419 0.1 mm. Min. Typ. Max. 2.65 0.2 2.45 0.49 0.32 0.014 0.009 0.020 0.004 Min. inch. Typ. Max. 0.104 0.008 0.096 0.019 0.012
PO13I
13/19
Package mechanical data
ST232B - ST232C
TSSOP16 mechanical data
mm. Dim. Min. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 Typ. Max. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 Min. Typ. Max. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
14/19
ST232B - ST232C
Package mechanical data
Tape & reel SO-16 mechanical data
mm. Dim. Min. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 Typ. Max. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 Min. Typ. Max. 12.992 0.519 inch.
15/19
Package mechanical data
ST232B - ST232C
Tape & reel SO-16L mechanical data
mm. Dim. Min. A C D N T Ao Bo Ko Po P 10.8 10.7 2.9 3.9 11.9 12.8 20.2 60 22.4 11.0 10.9 3.1 4.1 12.1 0.425 0.421 0.114 0.153 0.468 Typ. Max. 330 13.2 0.504 0.795 2.362 0.882 0.433 0.429 0.122 0.161 0.476 Min. Typ. Max. 12.992 0.519 inch.
16/19
ST232B - ST232C
Package mechanical data
Tape & reel TSSOP16 mechanical data
mm. Dim. Min. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 Typ. Max. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 Min. Typ. Max. 12.992 0.519 inch.
17/19
Revision history
ST232B - ST232C
7
Table 8.
Date
Revision history
Document revision history
Revision 11 12 13 14 Mistake ITIL max. on table 5. Order codes updated. Added Table 1. Modified: Table 1 on page 1. Changes
02-Sep-2005 27-Oct-2006 14-Nov-2007 08-Feb-2008
18/19
ST232B - ST232C
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
19/19


▲Up To Search▲   

 
Price & Availability of ST232B08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X