Part Number Hot Search : 
TMG10C80 HER108 18N65 AD7868BR UCA6430N C1417CG MEAPGS CSND691
Product Description
Full Text Search
 

To Download ST220100T4KI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ST
Vishay
Super Tan(R) Wet Tantalum Capacitors with Hermetic Seal
FEATURES
* Terminations: Standard tin/lead (Sn/Pb) 100 % tin (RoHS compliant) available terminations: * Very High Capacitance * 10 to 1800 F * 25 to 125 VDC * - 55 C to + 125 C * Very Low ESR * High Ripple Current * All Tantalum Case * Hermetically Sealed * Low DCL
Pb-free Available
RoHS*
COMPLIANT
Vishay ST represents a major breakthrough in wet tantalum capacitor technology. Its unique cathode system provides the highest capacitance per unit volume. The design facilitates a doubling of capacitance, lower ESR and higher ripple current rating compared with conventional wet tantalum products. Moreover, the ST has the capacitance stability of a solid tantalum capacitor and there are no circuit impedance restrictions. The ST is housed in an all tantalum, hermetically sealed case and is manufactured to withstand hazardous environments. The ST is used widely in the defense and aerospace industries and whenever there is a space problem
APPLICATION NOTES
a) No continuous reverse voltage permissible. b) The peak of the applied AC ripple and the applied DC voltage must not exceed the DC voltage rating of the capacitor. c) Ripple current ratings by part number at 85 C and 40 kHz are included in the table. Ripple current correction factors for other temperatures and frequencies are given on the next page. d)Transient reverse voltage surges are acceptable under the following conditions: The peak reverse voltage does not exceed 1.5 V and the peak current times the duration of the reverse transient does not exceed 0.05 ampere seconds. In addition, the repetition frequency of the reverse voltage surge is less than 10 Hz.
DIMENSIONS in inches [millimeters]
TERMINAL WELDED TO CASE 0.250 (6.35) MAX. 0.025 + 0.002 (0.64 + 0.05)
0.094 (2.38) MAX. E L E "D" DIA.
TERMINAL LOCATION WITHIN 0.031 OF CENTER
CASE CODE D MAX. INSULATED D 0.016 (0.41) T1 0.219 (5.56) 0.188 (4.78) T2 0.312 (7.92) 0.281 (7.14) L2 0.312 (7.92) 0.281 (7.14) T3 0.406 (10.31) 0.375 (9.52) T4 0.406 (10.31) 0.375 (9.52) Notes 1. Material at egress is tantalum 2. Insulation sleeving will lap over the ends of the capacitor case.
L + 0.031 (0.79) UNINSULATED 0.453 (11.51) 0.641 (16.28) 1.008 (25.60) 0.766 (19.46) 1.062 (26.97) Approx. Weight T1: 2.3 g, T2: 5.7 g T3: 9.4 g, T4: 14.8 g
E 0.250 (6.35) MAX. 1.500 (38.10) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15)
ORDERING INFORMATION
ST SUPERTAN COMMERCIAL CAP. TYPE* 220 CAPACITANCE F 100 85 C RATED DC VOLTAGE T4 CASE CODE M CAPACITANCE TOLERANCE M = 20 % K = 10 % Note 1. See DSCC drawing 93026 for MIL version of Super Tan * Pb containing terminations are not RoHS compliant, exemptions may apply www.vishay.com 80 For technical questions, contact: tantalum@vishay.com Document Number: 43000 Revision: 17-Jul-08 I INSULATING SLEEVE I = Insulated X = Uninsulated E3 RoHS COMPLIANT E3 = 100 % tin termination (RoHS compliant) Blank = SnPb termination (standard design)
ST
Super Tan(R) Wet Tantalum Capacitors with Hermetic Seal
RATINGS AND CASE CODES
CAP. AT 25 C and 120 Hz (F) 120 560 1100 1200 1800 100 470 950 1000 1500 68 220 450 470 680 47 150 370 390 560 33 110 250 330 470 15 68 120 150 220 CASE CODE MAX. ESR 120 Hz MAX. DCL A 25 C 85 C and 125 C 5 10 25 20 25 5 10 30 25 35 5 10 25 25 40 5 10 25 25 40 5 10 30 30 50 5 10 25 25 50 MAX. IMP. AT - 55 C and 120 Hz () 25 12 7 7 7 25 15 7 7 6 35 17.5 7.5 10 8 44 20 9 15 10 66 24 12 12 12 125 37 20.5 22 15 MAXIMUM CAPACITANCE CHANGE % - 55 C 85 C 125 C AC RIPPLE 85 C 40 kHz mA rms PART NUMBER
Vishay
T1 T2 L2 T3 T4 T1 T2 L2 T3 T4 T1 T2 L2 T3 T4 T1 T2 L2 T3 T4 T1 T2 L2 T3 T4 T1 T2 L2 T3 T4
10 T1 5 175 - 15 +3 ST10-125T1MI 47 T2 10 47 - 25 +5 ST47-125T2MI 90 L2 25 25 - 22 +4 ST90-125L2MI 100 T3 25 35 - 35 +5 ST100-125T3MI 150 T4 50 20 - 35 +6 ST150-125T4MI Notes (K = 10 %, M = 20 %) and insulation letter (I =Insulation, X = Uninsulated) * Part Numbers shown are for units with 20 % capacitance tolerance and uninsulated capacitors. For 10 units, change the digit following the letter "X" from "0" to "9". For units with outer plastic-film insulation, substitude "2" for"0" at the end of the Part Number. * For RoHS compliant add "E3" for suffix.
25 VDC at 85 C 1.3 1 0.83 2 0.5 3 0.65 5 0.5 6 30 VDC at 85 C 1.3 1 0.85 2 0.5 5 0.7 7 0.6 12 50 VDC at 85 C 1.5 1 0.9 2 0.6 3 0.75 3 0.7 5 60 VDC at 85 C 2.0 1 1.1 2 0.6 3 0.9 3 0.8 5 75 VDC at 85 C 2.5 1 1.3 2 0.8 5 1.0 3 0.9 5 100 VDC at 85 C 3.5 1 2.1 2 1.0 3 1.6 3 1.2 5 125 VDC at 85 C 5.5 1 2.3 2 1.3 5 1.8 3 1.6 5
- 42 - 65 - 60 - 70 - 72 - 38 - 65 - 55 - 70 - 72 - 25 - 50 - 45 - 45 - 58 - 25 - 40 - 33 - 45 - 58 - 25 - 35 - 30 - 45 - 50 - 18 - 30 - 30 - 35 - 40
+8 + 10 + 20 + 12 + 12 +8 + 10 + 18 + 10 + 10 +8 +8 + 12 +8 + 10 +8 +8 +9 +8 +8 +5 +6 +6 +6 +6 +3 +4 +4 +6 +6
15 VDC at 125 C + 12 1250 + 15 2100 + 45 3200 + 18 2600 + 20 3100 20 VDC at 125 C + 12 1200 + 18 1800 + 35 3200 + 18 2500 + 20 3000 30 VDC at 125 C + 15 1050 + 15 1800 + 30 2900 + 15 2100 + 20 2750 40 VDC at 125 C + 12 1050 + 15 1800 + 20 2900 + 15 2100 + 15 2750 50 VDC at 125 C +9 1050 + 10 1650 + 15 2500 + 10 2100 + 10 2750 65 VDC at 125 C + 10 1050 + 12 1650 + 12 2200 + 12 2100 + 12 2750 85 VDC at 125 C + 10 1050 + 12 1650 + 15 2000 + 12 2100 + 12 2750
ST120-25T1MI ST560-25T2MI ST1100-25L2MI ST1200-25T3MI ST1800-25T4MI ST100-30TMI ST470-30T2MI ST950-30L2MI ST1000-30T3MI ST1500-30T4MI ST68-50T1MI ST220-50T2MI ST450-50L2MI ST470-50T3MI ST680-50T4MI ST47-60T1MI ST150-60T2MI ST370-60L2MI ST390-60T3MI ST560-60T4MI ST33-75T1MI ST110-75T2MI ST250-75L2MI ST330-75T3MI ST470-75T4MI ST15-100T1MI ST68-100T2MI ST120-100L2MI ST150-100T3MI ST220-100T4MI
RIPPLE CURRENT MULTIPLIERS VERSUS FREQUENCY, TEMPERATURE AND APPLIES PEAK VOLTAGE
FREQUENCY OF APPLIED RIPPLE CURRENT AMBIENT STILL AIR TEMP. IN C 100 % % of 90 % 85 C 80 % rated 70 % peak voltage 66 2/3 % 120 Hz 800 Hz 1 kHz 10 kHz 40 kHz 100 kHz
55 85 105 125 55 85 105 125 55 85 105 125 55 85 105 125 55 85 105 125 55 85 105 125 0.60 0.60 0.60 0.60 0.60 0.39 0.46 0.52 0.35 0.58 0.44 0.60 0.46 0.27 0.71 0.71 0.71 0.71 0.71 0.43 0.55 0.62 0.42 0.69 0.52 0.71 0.55 0.32 0.72 0.72 0.72 0.72 0.72 0.46 0.55 0.62 0.42 0.70 0.52 0.72 0.55 0.32 0.88 0.88 0.88 0.88 0.88 0.55 0.67 0.76 0.52 0.85 0.64 0.88 0.68 0.40 1.0 1.0 1.0 1.0 1.0 0.63 0.77 0.87 0.59 0.97 0.73 1.0 0.77 0.45 1.1 1.1 1.1 1.1 1.1 0.69 0.85 0.96 0.65 1.07 0.80 1.1 0.85 0.50
Document Number: 43000 Revision: 17-Jul-08
For technical questions, contact: tantalum@vishay.com
www.vishay.com 81
ST
Vishay
Super Tan(R) Wet Tantalum Capacitors with Hermetic Seal
93026 RATINGS AND CASE CODES
DSCC DRAWING 93026 CAP. AT 25 C and 120 Hz (F) CASE MAX. ESR CODE 120 Hz MAX. DCL A 25 C 85 C and 125 C 5 10 25 20 25 5 10 30 25 35 5 10 25 25 40 5 10 25 25 40 5 10 30 30 50 5 10 25 25 50 5 10 25 25 50 MAX. IMP. AT - 55 C 120 Hz MAX. CAPACITANCE CHANGE % - 55 C 85 C 125 C AC RIPPLE 85 C 40 kHz mA rms
93026-29 93026-30 93026-57 93026-31 93026-32 93026-33 93026-34 93026-58 93026-35 93026-36 93026-37 93026-38 93026-59 93026-39 93026-40 93026-41 93026-42 93026-60 93026-43 93026-44 93026-45 93026-46 93026-61 93026-47 93026-48 93026-49 93026-50 93026-62 93026-51 93026-52 93026-53 93026-54 93026-63 93026-55 93026-56
120 560 1100 1200 1800 100 470 950 1000 1500 68 220 450 470 680 47 150 370 390 560 33 110 250 330 470 15 68 120 150 220 10 47 90 100 150
25 VDC at 85 C T1 1.3 T2 0.83 L2 0.5 T3 0.65 T4 0.5 30 VDC at 85 C T1 1.3 T2 0.85 L2 0.5 T3 0.7 T4 0.6 50 VDC at 85 C T1 1.5 T2 0.9 L2 0.6 T3 0.75 T4 0.7 60 VDC at 85 C T1 2.0 T2 1.1 L2 0.6 T3 0.9 T4 0.8 75 VDC at 85 C T1 2.5 T2 1.3 L2 0.8 T3 1.0 T4 0.9 100 VDC at 85 C T1 3.5 T2 2.1 L2 1.0 T3 1.6 T4 1.2 125 VDC at 85 C T1 5.5 T2 2.3 L2 1.3 T3 1.8 T4 1.6
1 2 3 5 6 1 2 5 7 12 1 2 3 3 5 1 2 3 3 5 1 2 5 3 5 1 2 3 3 5 1 2 5 3 5
25 12 7 7 7 25 15 7 7 6 35 17.5 7.5 10 8 44 20 9 15 10 66 24 12 12 12 125 37 20.5 22 15 175 47 25 35 20
- 42 - 65 - 60 - 70 - 75 - 38 - 65 - 55 - 70 - 72 - 25 - 50 - 45 - 50 - 58 - 25 - 40 - 33 - 60 - 58 - 25 - 35 - 30 - 45 - 55 - 18 - 30 - 30 - 35 - 40 - 15 - 25 - 22 - 35 - 35
15 VDC at 125 C +8 + 12 + 10 + 15 + 20 + 45 + 12 + 18 + 12 + 20 20 VDC at 125 C +8 + 12 + 10 + 18 + 18 + 35 + 10 + 18 + 10 + 20 30 VDC at 125 C +8 + 15 +8 + 15 + 12 + 30 +8 + 15 + 10 + 20 40 VDC at 125 C +8 + 12 +8 + 15 +9 + 20 +8 + 15 +8 + 15 50 VDC at 125 C +5 +9 +6 + 10 +6 + 15 +6 + 10 +6 + 10 65 VDC at 125 C +3 + 10 +4 + 12 +4 + 12 +6 + 12 +6 + 12 85 VDC at 125 C +3 + 10 +5 + 12 +4 + 15 +5 + 12 +6 + 12
1250 2100 3200 2600 3100 1200 1800 3200 2500 3000 1050 1800 2900 2100 2750 1050 1650 2900 2100 2750 1050 1650 2500 2100 2750 1050 1650 2200 2100 2750 1050 1650 2000 2100 2750
ORDERING INFORMATION - DSCC PART NUMBER
93026 DSCC DRAWING NUMBER -29 DASH NUMBER K CAPACITANCE TOLERANCE K = 10 % M = 20 % DRAWING NO. 93026 Document Number: 43000 Revision: 17-Jul-08 S
S = Sleeved U = Unsleeved
DEFENSE SUPPLY CENTER, COLUMBUS COLUMBUS, OHIO www.vishay.com 82 For technical questions, contact: tantalum@vishay.com
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of ST220100T4KI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X