Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download SPB-8920LWG08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
FEATURES
l l l l l l l l l l l l l l l l
SPB-8920LWG
1
***********************************************************************************************************************************************************************
SPB-8920LWG / SPB-8920BLWG / SPB-8920ALWG (RoHS Compliant) 1490 nm TX / 1310 nm RX , 3.3V / 4.25 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
**********************************************************************************************************************************************************************
DESCRIPTION
1-Fiber Bi-Directional SFP Optical Transceiver Up to 4.25 Gb/s Compliant with Fibre Channel FC-PI 400/200/100 Compliant with IEEE 802.3ah-2004 1000BASE-BX Simplex LC Connector 1490 nm DFB LD Transmitter 1310 nm Receiver Up to 20 km on 9/125 m SMF SFF-8472 Digital Diagnostic Function AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS Compliant 0 to 70oC Operating: SPB-8920LWG -10 to 85oC Operating: SPB-8920BLWG -40 to 85oC Operating: SPB-8920ALWG Class 1 Laser International Safety Standard IEC 60825 Compliant
The SPB-8920LWG series is small form factor pluggable module for 4x/2x/1x Fibre Channel and 1000BASE-BX Gigabit Ethernet single fiber communications by using 1490 nm transmitter and 1310 nm receiver. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C series bus specified in the SFP MSA SFF-8472. The transmitter section uses a multiple quantum well 1490 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC 60825. The receiver section uses an integrated 1310 nm detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l Fibre Channel Links l WDM Gigabit Ethernet Links l SONET/SDH Equipment Interconnect
ORDER INFORMATION
P/No. SPB-8920LWG SPB-8920BLWG SPB-8920ALWG Bit Rate (Gb/s) 4/2/1 4/2/1 4/2/1 Distance TX (km) (nm) 20 1490 DFB 20 1490 DFB 20 1490 DFB RX (nm) 1310 1310 1310 Package LC SFP with DMI LC SFP with DMI LC SFP with DMI Temp (oC) 0 to 70 -10 to 85 -40 to 85 TX Power (dBm) 0 to -5 0 to -5 0 to -5 RX Sens. RoHS (dBm) Compliant -18 Yes -18 Yes -18 Yes
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008
V2.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Symbol Tstg Topr Min -40 0 -10 -40 0 0 GND 0 Max 85 70 85 85 85 3.6 Vcc 30 Units o C o C
SPB-8920LWG
Notes SPB-8920LWG SPB-8920BLWG SPB-8920ALWG Non condensing
2
***********************************************************************************************************************************************************************
Relative Humidity Power Supply Voltage Input Voltage Output Current
RH Vcc --Iout
% V V mA
Recommended Operating Conditions
Parameter Power Supply Voltage Power Supply Current Operating Case Temperature Symbol Vcc ICC (TX+RX) Topr Min 3.13 0 -10 -40 1 Typ 3.3 200 Max 3.47 300 70 85 85 Units / Notes V mA o C / SPB-8920LWG o C / SPB-8920BLWG o C / SPB-8920ALWG Gb/s
Data Rate
4.25
Transmitter Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Optical Optical Transmit Power Optical Modulation Amplitude @ 4.25 Gb/s Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Optical Rise Time Relative Intensity Noise Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage TX Disable Input Voltage - Low TX Disable Input Voltage - High TX Disable Assert Time TX Disable Deassert Time TX Fault Output Voltage -- Low TX Fault Output Voltage -- High Symbol Po OMA SMSR tr / tf RIN IIL IIH VIH - VIL TDIS, L TDIS, H TASSERT T DEASSERT TFaultL TFaultH Min -5 500 1480 30 90 -118 -350 0.5 0 2.0 350 2.4 0.5 Vcc 10 1 0.5 Vcc+0.3 1490 Typ Max 0 Units dBm V nm nm dB ps dB/Hz A A V V V s ms V V Notes 1
1500 1
-20 dB width 20% to 80% Values
Peak-to-Peak 2 2
0 2.0
3 3
1. Output power is power coupled into a 9/125 m single mode fiber. 2. There is an internal 4.7K to 10K ohm pull-up resistor to VccTX. 3. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
Receiver Specifications (0oC < Topr < 70oC, 3.13 V < Vcc < 3.47V)
Parameter Optical Sensitivity @ 4.25 Gb/s Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Optical Return Loss Electrical Differential Output Voltage Output LOS Voltage -- Low Output LOS Voltage - High Signal Detect Assert Time Signal Detect Deassert Time Symbol Sen1 Pin Pa Pd Min --0 ---30 1.0 1260 14 0.6 0 2.0 Typ ----------Max 29 -18 ---18 --1360 Units W dBm dBm dBm dBm dB nm dB V V V s s
SPB-8920LWG
Notes 4 5 Transition: low to high Transition: high to low 6
3
***********************************************************************************************************************************************************************
ORL VOH - VOL VOL V OH ASMAX ANSMAX
2.0 0.5 Vcc+0.3 100 300
7 7 OFF to ON ON to OFF
4. Measured at PRBS 27-1 at BER 1E-12. 5. Represents sensitivity based on OMA spec, as corrected to incoming Extinction Ratio of 9 dB. For example, an OMA of 29 W is approximately equal to an average power of -17.3 dBm, average with an Extinction ratio of 9 dB. 6. At least 30 dB optical isolation for the wavelength 1480 to 1580 nm. 7. Open collector compatible, 4.7K to 10K ohm pull-up to Vcc (Host Supply Voltage).
RECOMMENDED CIRCUIT SCHEMATIC
VeeT Tx_DISABLE Tx_FAULT (1,17,20) 3 2 4.7K to 10K TD + 18 Z=50 TD 19 Z=50 VccT 16 10nF 1H Vcc 3.3V 10F 10nF 1H VccR 15 10nF 10F 10F TD TD + Tx_DISABLE Tx_FAULT
LD Driver
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 4.7K to 10K
RD +
depending on SERDES
LOSS OF SINGAL
LOS VeeR MOD_DEF(0)
8 (9,10,11,14) 6 5 4 4.7K to 10K Vcc 3.3V 4.7K to 10K
MODULE DETECT SCL SDA 4.7K to 10K
EEPROM
MOD_DEF(1) MOD_DEF(2)
SFP module
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
CONNECTION DIAGRAM
SPB-8920LWG
4
***********************************************************************************************************************************************************************
PIN
1 2 3 4 5 6 7 8 9 10
Signal Name
TX GND TX Fault TX Disable MOD-DFE2 MOD-DEF1 MOD-DEF0 N/C LOS RX GND RX GND
Description
Transmitter Ground Transmitter Fault Indication Transmitter Disable (Module disables on high or open) Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module Not Connected Loss of Signal Receiver Ground Receiver Ground
PIN
11 12 13 14 15 16 17 18 19 20
Signal Name
Description
RX GND Receiver Ground RX DATA OUT- Inverse Receiver Data Out RX DATA OUT+ Receiver Data Out RX GND Vcc RX Vcc TX TX GND TX DATA IN+ TX DATA INTX GND Receiver Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Ground Transmitter Data In Inverse Transmitter Data In Transmitter Ground
Module Definition
Module Definition 4 MOD-DEF2 PIN 4 SDA MOD-DEF1 PIN 5 SCL MOD-DEF0 PIN 6 LV-TTL Low Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector (NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
PACKAGE DIAGRAM
Units in mm
SPB-8920LWG
5
***********************************************************************************************************************************************************************
Note: Specifications subject to change without notice.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0
Optoway
Revision History
Version
1.0 2.0 Initial datasheet Add SPB-8905ALWG for -40 to 85 oC
SPB-8920LWG
6
***********************************************************************************************************************************************************************
Subject
Release Date
2007/1/1 2008/1/1
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2008 V2.0


▲Up To Search▲   

 
Price & Availability of SPB-8920LWG08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X