Part Number Hot Search : 
2N36S8 GRM219 RMFS200 BCW69 3842A X1232CP MAX703 3008P
Product Description
Full Text Search
 

To Download SM5520M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
* Pletronics' SM55 Series is a quartz crystal controlled precision square wave generator with a CMOS output. * The package is designed for high density surface mount designs. * This is a low cost mass produced oscillator. * Tape and Reel or cut tape packaging is available.
* * * *
0.8 to 80 MHz 3.2 x 5 mm LCC Ceramic Package Enable/Disable Function Disable function includes low standby power mode * Low Jitter * Lowest power solution
Pletronics Inc. certifies this device is in accordance with the RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following: Cadmium, Hexavalent Chromium, Lead, Mercury, PBB's, PBDE's Weight of the Device: 0.064 grams Moisture Sensitivity Level: 1 As defined in J-STD-020C Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter VCC Supply Voltage Vi Vo Io Input Voltage Output Voltage Output Current Unit -0.5V to +7.0V -0.5V to VCC + 0.5V -0.5V to VCC + 0.5V +25 mA to -25 mA
Thermal Characteristics
The maximum die or junction temperature is 155oC The thermal resistance junction to board is 30 to 50oC/Watt depending on the solder pads, ground plane and construction of the PCB.
Product information is current as of publication date. The product conforms to specifications per the terms of the Pletronics standard warranty. Production processsing does not necessarily include testing of all parameters.
Copyright (c) 2006, 2007, Pletronics Inc.
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
Part Number:
SM55 45 M E Y* - 75.0M -XX Packaging code or blank T250 = 250 per Tape and Reel T500 = 500 per Tape and Reel T1K = 1000 per Tape and Reel Frequency in MHz Supply Voltage VCC Y = 5.0V _ 10% + (*Y is only included in part number if Enhanced OTR is not chosen) Examples: SM5544ME, SM5545MY Optional Enhanced OTR Blank = Temp. range -10 to +70oC E = Temp. range -40 to +85oC Series Model Frequency Stability 45 = _ 50 ppm, 44 = _ 25 ppm + + 20 = _ 20 ppm + Series Model Marking Legend: PLE = Pletronics FF.FFF M = Frequency in MHz YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day) All other marking is internal factory codes Specifications such as frequency stability, supply voltage and operating temperature range, etc. are not identified from the marking. External packaging labels and packing list will correctly identify the ordered Pletronics part number. Codes for Date Code YMD
Code Year Code Month Code Day Code Day Code Day 1 1 D 13 T 25 6 2006 A JAN 2 2 E 14 U 26 7 2007 B FEB 3 3 F 15 V 27 8 2008 C MAR 4 4 G 16 W 28 9 2009 D APR E MAY 5 5 H 17 X 29 0 2010 F JUN 6 6 J 18 Y 30 1 2011 G JUL 7 7 K 19 Z 31 H AUG 8 8 L 20 2 2012 J SEP 9 9 M 21 K OCT A 10 N 22 L NOV B 11 P 23 M DEC C 12 R 24
Part Marking: PFF.FFF M C YMDxx or PFF.FFF M C YYWWxx or PLE SM55 FF.FFF M CYMDxx or P5xYWWx C FF.FF Mxxx or 5xYWWxx FF.FFF M CPLE xxx
www.pletronics.com
425-776-1880
2
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
Electrical Specification for 5.0V +10% over the specified temperature range _
Item Frequency Range Frequency Accuracy "45" "44" "20" Output Waveform Output High Level Output Low Level Output Symmetry Jitter Enable/Disable Internal Pull-up V disable V enable Output leakage VOUT = VCC VOUT = 0V Standby Current ICC Enable time Disable time Start up time Operating Temperature Range Storage Temperature Range 90 45 50 70 -10 -10 -10 -40 -55 Min 0.8 -50 -25 -20 Max 80 +50 +25 +20 CMOS 10 55 0.6 2.5 30 +10 +10 3 100 100 3 +70 +85 +125 % % % pS RMS pS RMS Kohm % % uA uA uA nS nS mS
o o o
Unit MHz ppm
Condition For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures
of VCC
(See load circuit) (See load circuit)
at 50% point of VCC
12 KHz to 20 MHz from the output frequency 10 Hz to 1 MHz from the output frequency to VCC of VCC applied to pad 1 Pad 1 low, device disabled
Time for output to reach a logic state Time for output to reach a high Z state Time for output to reach specified frequency Standard Temperature Range Extended Temperature Range "E" Option
C C C
Typical phase noise plot for 5 oscillators at different output frequencies.
0 -20 -40 -60
dBc/Hz
19.4M 25M 32M 50M 66.7M
-80 -100 -120 -140 -160 -180 10 1,000 100,000 10,000,000
Frequency (Hz)
www.pletronics.com
425-776-1880
3
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
Electrical Specification for 5.0V +10% over the specified temperature range _
Item Output TRISE and TFALL Typ 1 1.5 2.5 2.5 4 4 VCC Supply Current (ICC) 7 8 9 28 7.5 8.5 11 33 8 9 15 40 Max 2 3 3.5 5 6 8 11 13 15 58 12 14 17 63 13 15 22 70 Unit nS nS nS nS nS nS mA mA mA mA mA mA mA mA mA mA mA mA Condition < 35 MHz > 35 MHz < 35 MHz > 35 MHz < 35 MHz > 35 MHz < 8 MHz > 8 MHz and < 16 MHz > 16 MHz and < 35 MHz > 35 MHz < 8 MHz > 8 MHz and < 16 MHz > 16 MHz and < 35 MHz > 35 MHz < 8 MHz > 8 MHz and < 16 MHz > 16 MHz and < 35 MHz > 35 MHz CLOAD = 50 pF CLOAD = 30 pF CLOAD = 15 pF 10% to 90% of VCC See Load Circuit CLOAD = 30 pF 10% to 90% of VCC See Load Circuit CLOAD = 50 pF 10% to 90% of VCC See Load Circuit CLOAD = 15 pF
Specifications with Pad 1 E/D open circuit
www.pletronics.com
425-776-1880
4
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
Load Circuit and Test Waveform
Vhigh 90% * Vcc 50% * Vcc 10% * Vcc Vlow Ground
Trise
Symmetry
Tfall
Reliability: Environmental Compliance
Parameter Mechanical Shock Vibration Solderability Thermal Shock Condition MIL-STD-883 Method 2002, Condition B MIL-STD-883 Method 2007, Condition A MIL-STD-883 Method 2003 MIL-STD-883 Method 1011, Condition A
ESD Rating
Model Human Body Model Charged Device Model Minimum Voltage 1500 1000 Conditions MIL-STD-883 Method 3115 JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Bar code is 39-Full ASCII Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Arial
www.pletronics.com
425-776-1880
5
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
Mechanical:
Inches A B C D1 E1 F1 G1 H1 I1 J1 Not to Scale Contacts : Gold 11.8 inches
1
mm 5.00 +0.15 _ 3.20 +0.15 _ 1.15 +0.10 _ 1.23 2.54 0.10 1.27 1.40 0.60 0.10R 0.020R
0.197 +0.006 _ 0.126 +0.006 _ 0.045 +0.004 _ 0.048 0.100 0.004 0.050 0.055 0.024 0.004 0.008
Typical dimensions
K1
0.3 m minimum over Nickel 50 to 350 inches
1.27 to 8.89 m
Pad 1
Function Output Enable/Disable Ground (GND) Output Supply Voltage (VCC)
Note When this pad is not connected the oscillator shall operate. When this pad is logic low the output will be inhibited (high impedance state.) Recommend connecting this pad to VCC if the oscillator is to be always on.
2 3 4
Recommend connecting appropriate power supply bypass capacitors as close as possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends: * a ground plane under the device * no large transient signals (both current and voltage) should be routed under the device * do not layout near a large magnetic field such as a high frequency switching power supply * do not place near piezoelectric buzzers or mechanical fans.
www.pletronics.com
425-776-1880
6
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
Reflow Cycle (typical for lead free processing)
260C Maximum 10 Seconds Maximum 215C10C 175C10C
Temperature (C)
250 200 150 100
120 to 160 Seconds
Approximately 50 Seconds Allowed rate of temperature change Maximum 4C per second
The part may be reflowed 2 times without degradation.
Tape and Reel: available for quantities of 250 to 1000 per reel, cut tape for < 250
Constant Dimensions Table 1 Tape Size 8mm 12mm 16mm 24mm 1.5 +0.1 -0.0 D1 Min 1.0 1.5 1.5 1.5 1.75 _0.1 + 4.0 0.6 _ +0.1 2.0 _0.1 + 0.6 0.1 S1 Min T Max T1 Max
D0
E1
P0
P2
2.0 _ +0.05
Variable Dimensions Table 2 Tape Size 16 mm B1 Max 12.1 E2 Min F P1 T2 Max 8.0 W Max 16.3 Ao, Bo & Ko Note 1 Not to scale
14.25
7.5 +0.1 _
8.0 +0.1 _
Note 1: Embossed cavity to conform to EIA-481-B
Dimensions in mm
REEL DIMENSIONS A inches mm B inches mm C D mm mm 16.4 +2.0 -0.0 7.0 177.8 2.50 63.5 10.0 254.0 4.00 101.6 13.0 +0.5 / -0.2 16.4 +2.0 -0.0 16.4 +2.0 -0.0 16.0 13.0 330.2 3.75 95.3 Tape Width
Reel dimensions may vary from the above
www.pletronics.com
425-776-1880
7
SM55M Series 5.0 V
CMOS Clock Oscillators
June 2007
IMPORTANT NOTICE Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and other changes to this product at anytime. PLE reserves the right to discontinue any product or service without notice. Customers are responsible for obtaining the latest relevant information before placing orders and should verify that such information is current and complete. All products are sold subject to PLE's terms and conditions of sale supplied at the time of order acknowledgment. PLE warrants performance of this product to the specifications applicable at the time of sale in accordance with PLE's limited warranty. Testing and other quality control techniques are used to the extent PLE deems necessary to support this warranty. Except where mandated by specific contractual documents, testing of all parameters of each product is not necessarily performed. PLE assumes no liability for application assistance or customer product design. Customers are responsible for their products and applications using PLE components. To minimize the risks associated with the customer products and applications, customers should provide adequate design and operating safeguards. PLE products are not designed, intended, authorized or warranted to be suitable for use in life support applications, devices or systems or other critical applications that may involve potential risks of death, personal injury or severe property or environmental damage. Inclusion of PLE products in such applications is understood to be fully at the risk of the customer. Use of PLE products in such applications requires the written approval of an appropriate PLE officer. Questions concerning potential risk applications should be directed to PLE. PLE does not warrant or represent that any license, either express or implied, is granted under any PLE patent right, copyright, artwork or other intellectual property right relating to any combination, machine or process which PLE product or services are used. Information published by PLE regarding third-party products or services does not constitute a license from PLE to use such products or services or a warranty or endorsement thereof. Use of such information may require a license from a third party under the patents or other intellectual property of the third party, or a license from PLE under the patents or other intellectual property of PLE. Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is without alteration and is accompanied by associated warranties, conditions, limitations and notices. Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not responsible or liable for such altered documents. Resale of PLE products or services with statements different from or beyond the parameters stated by PLE for that product or service voids all express and implied warranties for the associated PLE product or service and is an unfair or deceptive business practice. PLE is not responsible for any such statements. Contacting Pletronics Inc. Pletronics Inc. 19013 36th Ave. West Lynnwood, WA 98036-5761 USA Tel: 425-776-1880 Fax: 425-776-2760 E-mail: ple-sales@pletronics.com URL: www.pletronics.com
Copyright (c) 2007, Pletronics Inc.
PLETRONICS INC. DOCUMENT CONTROL
www.pletronics.com
425-776-1880
8


▲Up To Search▲   

 
Price & Availability of SM5520M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X