Part Number Hot Search : 
BU4221G ZPY30 OPR5013 30KP200A NCP5623 ATR2809 BC847BP X2N4351
Product Description
Full Text Search
 

To Download Q67041-A4696-A001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIGC144T170R2C
IGBT Chip in NPT-technology
FEATURES: * 1700V NPT technology * 280m chip * short circuit prove * positive temperature coefficient * easy paralleling
C
This chip is used for: * chip only Applications: * drives
G
E
Chip Type
SIGC144T170R2C
VCE 1700V
ICn 75A
Die Size 11.98 x 11.98 mm2
Package sawn on foil
Ordering Code Q67041-A4696A001
MECHANICAL PARAMETER: Raster size Area total / active Emitter pad size Gate pad size Thickness Wafer size Flat position Max.possible chips per wafer Passivation frontside Emitter metalization Collector metalization Die bond Wire bond Reject Ink Dot Size Recommended Storage Environment 11.98 x 11.98 143.52 / 113.6 8x ( 1.98x2.98 ) 0.757 x 1.48 280 150 90 93 pcs Photoimide 3200 nm Al Si 1% 1400 nm Ni Ag -system suitable for epoxy and soft solder die bonding electrically conductive glue or solder Al, 500m 0.65mm ; max 1.2mm store in original container, in dry nitrogen, < 6 month at an ambient temperature of 23C m mm deg mm
2
Edited by INFINEON Technologies AI PS DD HV3, L 7361M, Edition 2, 04.09.2003
SIGC144T170R2C
MAXIMUM RATINGS: Parameter Collector-emitter voltage, Tj=25 C DC collector current, limited by Tjmax Pulsed collector current, tp limited by Tjmax Gate emitter voltage Operating junction and storage temperature
1)
Symbol V CE IC Icpuls V GE Tj, Ts t g
Value 1700
1)
Unit V A A V C
225 20 -55 ... +150
depending on thermal properties of assembly
STATIC CHARACTERISTICS (tested on chip), Tj=25 C, unless otherwise specified: Parameter Collector-emitter breakdown voltage Collector-emitter saturation voltage Gate-emitter threshold voltage Zero gate voltage collector current Gate-emitter leakage current Integrated gate resistor Symbol V(BR)CES VCE(sat) VGE(th) ICES IGES RGint Conditions VGE=0V , IC=5mA VGE=15V, IC =75A IC =3.3mA , VGE=VCE VCE=1700V , VGE=0V VCE=0V , VGE=20V 5 Value min. 1700 2.2 4.5 2.7 5.5 3.2 6.5 18 480 A nA V typ. max. Unit
DYNAMIC CHARACTERISTICS (tested at component): Parameter Input capacitance Output capacitance Reverse transfer capacitance Symbol Ci s s Co s s Cr s s Conditions V C E= 2 5 V , V GE= 0 V , f =1MHz Value min. typ. 5 tbd tbd max. Unit nF
SWITCHING CHARACTERISTICS (tested at component), Inductive Load: Parameter Turn-on delay time Rise time Turn-off delay time Fall time
1)
Symbol t d(on) tr td(off) tf
Conditions 1) Tj= 1 2 5 C V C C = 90 0 V , I C =75A V GE= 1 5 V , R G = 2 0
Value min. typ. 0.1 0.1 0.9 0.03 max. -
Unit ns
values also influenced by parasitic L- and C- in measurement and package.
Edited by INFINEON Technologies AI PS DD HV3, L 7361M, Edition 2, 04.09.2003
SIGC144T170R2C
CHIP DRAWING:
Edited by INFINEON Technologies AI PS DD HV3, L 7361M, Edition 2, 04.09.2003
SIGC144T170R2C
FURTHER ELECTRICAL CHARACTERISTICS:
This chip data sheet refers to the device data sheet
chip only
Description: AQL 0,65 for visual inspection according to failure catalog Electrostatic Discharge Sensitive Device according to MIL-STD 883 Test-Normen Villach/Pruffeld
Published by Infineon Technologies AG, Bereich Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 2002 All Rights Reserved.
Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives world-wide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and / or maintain and sustain and / or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Edited by INFINEON Technologies AI PS DD HV3, L 7361M, Edition 2, 04.09.2003


▲Up To Search▲   

 
Price & Availability of Q67041-A4696-A001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X