Part Number Hot Search : 
0603C 2412W SMFZ18V TC1266 F18N50 AIC1680 IHT0550 ATF15
Product Description
Full Text Search
 

To Download PLL502-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL502-50
VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
FEATURES
* * * * * * * Integrated voltage-controlled crystal oscillator circuitry (VCXO) (pull range 380ppm minimum). Selectable frequency dividers (x1, 1/2, 1/4, 1/8) available as bonding options. VCXO tuning range: 0.3V - 3.0V. Uses inexpensive fundamental-mode parallel resonant crystals (from 20 to 52MHz). 2.5V or 3.3V supply voltage. Selectable High Drive (30mA) or Standard Drive (10mA) CMOS output. Available in DIE (65 mil x 62 mil).
DIE CONFIGURATION
65 mil VDD VDD OE^ S1V S0V S2V
18
(1550,1475)
25
23
21
20
19
XIN
27
Die ID: A0303-03J
62 mil
13
CLK
XOUT
29
C502A
VCON
31 7
10
GND
Y X
(0,0)
The PLL502-50 is a monolithic low jitter, high performance CMOS VCXO IC Die. It allows the control of the output frequency with an input voltage (VCON), using a low cost crystal. The same die can be used as a VCXO with output frequencies ranging from F XIN x 1 to F XIN / 8 thanks to selector pads allowing bonding options (see Divider Selection Table on this page). This makes the PLL502-50 ideal for a wide range of applications from 2.5MHz to 52MHz (including 27MHz, 35.328MHz, etc.).
Note:
^ denotes internal pull up V denotes internal pull down
DIVIDER SELECTION
SELECTION S2 S1 S0 0 0 0 0 0 1 0 1 0 0 1 1 1 0 0 1 0 1 1 1 0 1 1 1 FXIN CLK (MHz) FXIN x 1 FXIN / 2 FXIN / 4 FXIN x 1* FXIN / 8 FXIN / 4* FXIN / 2* FXIN / 8*
20MHz - 52MHz
BLOCK DIAGRAM
Note: Selector pads default to `0', wire bond to VDD to set to `1' (*) High-drive CMOS output
XIN
VCXO
Selectable Divider
CLK
PAD DESCRIPTIONS
Name Number Description
VCON
DIE SPECIFICATIONS
Name Value
Size Reverse side Pad dimensions Thickness
62 x 65 mil GND 80 micron x 80 micron 10 mil
XIN XOUT VCON GND CLK S[0:2] VDD OE
27 29 31 7,10 13 18,19,20 21,22,23 25
Crystal input connection. Crystal output connection. Voltage Control input. Ground. Clock output. Frequency selection pad Power supply. Output Enable: `0' to disable (tri-state output), 1' (default value when not connected) to enabled the output.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 1
GND
DESCRIPTION
PLL502-50
VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC Electrical Specifications PARAMETERS
Supply Current, Dynamic, with Loaded Outputs Operating Voltage Output drive current (High Drive) Output drive current (Standard Drive) Short Circuit Current VCXO Control Voltage
SYMBOL
IDD VDD IOH IOL IOH IOL VCON
CONDITIONS
FXIN = 20 - 52MHz Output load of 10pF VOH= VDD-0.4V, VDD=3.3V VOL = 0.4V, VDD = 3.3V VOH= VDD-0.4V, VDD=3.3V VOL = 0.4V, VDD = 3.3V
MIN.
TYP.
10
MAX.
UNITS
mA
2.25 30 30 10 10 50 0
3.63
VDD
V mA mA mA mA mA V
3. AC Electrical Specifications PARAMETERS
Input Crystal Frequency Output Clock Rise/Fall Time (Standard Drive) Output Clock Rise/Fall Time (High Drive) Output Clock Duty Cycle
SYMBOL
CONDITIONS
0.3V ~ 3.0V with 15 pF load 0.3V ~ 3.0V with 15 pF load Measured @ 50% VDD
MIN.
20
TYP.
2.4 1.2
MAX.
52
UNITS
MHz ns
45
50
55
%
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 2
PLL502-50
VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
4. Voltage Control Crystal Oscillator (3.3V) PARAMETERS
VCXO Stabilization Time * VCXO Tuning Range CLK output pullability VCXO Tuning Characteristic Pull range linearity VCON input impedance VCON modulation BW
SYMBOL
TVCXOSTB
CONDITIONS
From power valid FXIN = 20 - 52MHz; XTAL C0/C1 < 250 0V VCON 3.3V VCON=1.65V 1.65V
MIN.
TYP.
MAX.
10
UNITS
ms ppm ppm ppm/V % k kHz
500 200 150 10 80
0V VCON 3.3V, -3dB
25
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
5. Crystal Specifications PARAMETERS
Crystal Resonator Frequency Crystal Loading Rating Crystal Pullability Recommended ESR
SYMBOL
FXIN CL (xtal) C0/C1 (xtal) RE
CONDITIONS
Parallel Fundamental Mode At Vcon = 1.65V AT cut AT cut
MIN.
20
TYP.
9.5
MAX.
52 250 30
UNITS
MHz pF
Note: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the crystal will be at nominal frequency at this load. If the crystal requires more load to be at nominal frequency, the additional load must be added externally. This however may reduce the pull range.
6. Jitter specifications PARAMETERS
Period jitter RMS Period jitter peak-to-peak Integrated jitter RMS
CONDITIONS
51.84MHz 51.84MHz Integrated 12 kHz to 20 MHz at 51.84MHz
MIN.
TYP.
2.3 18 1
MAX.
UNITS
ps ps ps
7. Phase noise specifications
PARAMETERS Phase Noise relative to carrier
Note: Phase Noise at VCON = 0V
FREQUENCY 51.85MHz
@10Hz -65
@100Hz -90
@1kHz -120
@10kHz -140
@100kHz -147
UNITS dBc/Hz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 3
PLL502-50
VCXO IC Die for 20 to 52MHz Parallel Resonant Crystals
PAD COORDINATES
Pad # 7 10 13 18 19 20 21 23 25 27 29 31 Name GND GND CLK S2 S1 S0 VDD VDD OE XIN XOUT VCON X (m) 1042 1400 1400 1232 1042 854 659 459 194 109 109 109 Y (m) 109 259 716 1365 1365 1365 1365 1365 1365 1017 646 181 Ground. Ground. Clock Output. Frequency Selector pad. Has internal pull down. Frequency Selector pad. Has internal pull down. Frequency Selector pad. Has internal pull down. Power Supply. Power Supply. Used to Enable/Disable the output. Has internal pull up. Crystal input pad. See Crystal Specifications on page 3. Crystal output pad. See Crystal Specifications on page 3. Voltage control input. Description
ORDERING INFORMATION For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL502-50 D C
PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL
PACKAGE TYPE
D=DIE
Order Number PLL502-50DC
Marking P502-50DC
Package Option Die (Waffle Pack)
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 4


▲Up To Search▲   

 
Price & Availability of PLL502-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X