Part Number Hot Search : 
2SC4562 SG2527A RN1101 EE2520 30620 CS400S10 101M10 CXA1106P
Product Description
Full Text Search
 

To Download MCSO1H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCSO1H
FREQUENCY STABILITY
OVER: OPERATING TEMP. RANGE: See note 1 OVERALL STABILITY: < 100ppm * INCLUDING: * OVER OPERATING TEMPERATURE RANGE * ADJUSTMENT @ 25C * LONG TERM AGING (10 YEARS) * STABILITY OVER SUPPLY VOLTAGE 10% * STABILITY OVER LOAD (MIN. TO MAX.)
Miniature SMD Clock-Oscillator
Overall stability 100ppm 5V Power Supply
20 to 160MHz
Note 1: Operating Temperature Range
MCSO1H-A: MCSO1H-B: MCSO1H-C: 0 to +70 C -40 to +85 C -55 to +125 C
Option 1: Enable / Disable (on request)
See application circuit on page 2 for details Pin 1: Pin 3 (Fout):: Open Clock H Clock L High Z
POWER SUPPLY
SUPPLY VOLTAGE: INPUT CURRENT: Vdd = 5V 10% * < 50mA*
OUTPUT
OUTPUT SIGNAL: SYMMETRY: RISE & FALL TIME: LEVEL "0" & "1": START-UP TIME: FAN OUT (LOAD): AC-MOS compatible * 40 / 60% (min.) @ Vdd / 2 * tr < 3ns tf < 3ns * < 0.4V > Vdd - 0.5V < 5ms 10 TTL / LS *
Marking Example
MCSO1H-B 160.000 MHz E/D 05.44 Type Frequency (PIN 1) Option 1 Date Code
ENVIRONMENT
OPERABLE TEMP. RANGE: STORAGE TEMP. RANGE: VIBRATIONS: SHOCKS: PACKAGE: PACKAGE DIMENSIONS: PROCESSING: -55 to +125C -65 to +125C 10 to 2000Hz / 10g 5000g, 0.3ms, 1/2 sine Ceramic 8.0 x 3.7 x 2.0mm (see packaging info) Reflow soldering 260C / 10s max. (see packaging info)
Ordering Information Example
MCSO1 HB 160MHz E/D xxx
Customer spec N
Oscillator Type MCSO1 = Miniature Surface Mount Clock Crystal Oscillator
MISCELLANEOUS
* Customer's specification on request
Oscillator Version H = High Frequency
Option 1: E/D = Enable / Disable
Temperature Range A = 0 to +70C B = -40 to 85C C = -55 to 125C X = Custom spec. Oscillator Output Frequency
STANDARD FREQUENCIES [MHz]
40.0000 50.0000 58.9824 65.0000 78.0000 90.0000 108.0000 131.0720 Date : June 2003 40.6000 50.7500 60.0000 65.5360 80.0000 96.0000 110.5920 132.7104 40.9600 51.1500 60.9000 66.3552 81.2000 98.3040 117.9640 144.0000 44.2368 51.2000 61.3800 72.0000 81.8400 100.0000 120.0000 150.0000 48.0000 52.0000 61.4400 73.7280 81.9200 102.4000 125.0000 160.0000 Revision No. : 7 49.1520 55.2960 64.0000 76.8000 88.4736 104.0000 128.0000
Revision Date : 11-05 Page 1 / 2
In accordance with our policy of continuous development and improvement, we reserve the right to modify the design or the specifications of our products without prior notice. Headquarters: Micro Crystal Div. of ETA SA Muhlestrasse 14 CH-2540 Grenchen Switzerland
Tel. Fax Internet Email
+41 32 655 82 82 +41 32 655 80 90 www.microcrystal.ch sales@microcrystal.ch
MCSO1H
Application and Test Circuit:
Miniature SMD Clock-Oscillator
Overall stability 100ppm 5V Power Supply
20 to 160MHz
HC-MOS
TTL
Vcc
Oscilloscope or Counter
R load 2k
A
D1 4 3 D2 Cd 100nF C load * 15pF No power on E/D function (pin 1) before Vdd is setting on
Vdd
V
1
2
D3
E/D
D4
Waveform Output:
Waveshape TTL
Waveshape HC-MOS
tf
tr Vdd
tf
tr Vdd
2.4V min.
Vdd - 0.5V min.
1/2 Vdd
1.4V
Gnd + 0.4V max.
0.4V max. Gnd T1 T2
T1 T2
Gnd
Duty Cycle = 100 x
Date : June 2003
T1 [%] T1 + T 2
Revision No. : 7 Revision Date : 11-05 Page 2 / 2
In accordance with our policy of continuous development and improvement, we reserve the right to modify the design or the specifications of our products without prior notice. Headquarters: Micro Crystal Div. of ETA SA Muhlestrasse 14 CH-2540 Grenchen Switzerland
Tel. Fax Internet Email
+41 32 655 82 82 +41 32 655 80 90 www.microcrystal.ch sales@microcrystal.ch


▲Up To Search▲   

 
Price & Availability of MCSO1H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X