Part Number Hot Search : 
DBRF195 SL4023BD 1000G T1510 MX7547JN VN2406 ONTROL ONTROL
Product Description
Full Text Search
 

To Download MCH6445 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA1566
MCH6445
SANYO Semiconductors
DATA SHEET
MCH6445
Features
* *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
4V drive. Low ON-resistance.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Symbol VDSS VGSS ID IDP PD Tch Tstg PW10s, duty cycle1% When mounted on ceramic substrate (1500mm2x0.8mm) Conditions Ratings 60 20 4 16 1.5 150 --55 to +150 Unit V V A A W C C
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Symbol V(BR)DSS IDSS IGSS VGS(off) | yfs | Conditions ID=1mA, VGS=0V VDS=60V, VGS=0V VGS=16V, VDS=0V VDS=10V, ID=1mA VDS=10V, ID=2A 1.2 3 Ratings min 60 1 10 2.6 typ max Unit V A A V S
Marking : ZU
Continued on next page.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment.
www.semiconductor-sanyo.com/network
D2409PE TK IM TC-00002219 No. A1566-1/4
MCH6445
Continued from preceding page.
Parameter Symbol RDS(on)1 RDS(on)2 RDS(on)3 Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions ID=2A, VGS=10V ID=1A, VGS=4.5V ID=1A, VGS=4V VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=30V, VGS=10V, ID=4A VDS=30V, VGS=10V, ID=4A VDS=30V, VGS=10V, ID=4A IS=4A, VGS=0V Ratings min typ 60 74 81 505 57 37 7.3 9.8 40 24 10 1.6 2.1 0.82 1.2 max 78 104 114 Unit m m m pF pF pF ns ns ns ns nC nC nC V
Static Drain-to-Source On-State Resistance
Package Dimensions
unit : mm (typ) 7022A-009
2.0 6 5 4 0 to 0.02 0.15
Switching Time Test Circuit
VDD=30V 10V 0V VIN ID=2A RL=15 VIN G D VOUT
0.25
2.1 1.6
PW=10s D.C.1%
0.25
1 0.65
2
3 0.3
P.G
50 S
MCH6445
0.85
1
2
3
1 : Drain 2 : Drain 3 : Gate 4 : Source 5 : Drain 6 : Drain SANYO : MCPH6
0.07
6
5
4
7.0V
4.5 4.0 3.5
ID -- VDS
V4 .0V
6.0 5.5 5.0
ID -- VGS
VDS=10V
V 10.0V
4.5
3.5
V
Drain Current, ID -- A
15.0
3.0 2.5 2.0 1.5 1.0 0.5 0 0
3.0V
Drain Current, ID -- A
4.5 4.0 3.5 3.0
2.0 1.5 1.0 0.5
Ta= 7
0 0.5 1.0 1.5 2.0 2.5
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
--25
3.0
C
VGS=2.5V
5C
25C
2.5
3.5
4.0
Drain-to-Source Voltage, VDS -- V
IT13789
Gate-to-Source Voltage, VGS -- V
IT13790
No. A1566-2/4
MCH6445
170 160
RDS(on) -- VGS
Ta=25C Static Drain-to-Source On-State Resistance, RDS(on) -- m ID=1A 2A
160 150 140 130 120 110 100 90 80 70 60 50 40 30 20 --60
RDS(on) -- Ta
Static Drain-to-Source On-State Resistance, RDS(on) -- m
150 140 130 120 110 100 90 80 70 60 50 40 30
A =1 , ID 0V . A =4 =1 I V GS V, D =2A .5 =4 , ID V GS 10.0V = V GS
0
2
4
6
8
10
12
14
16
--40 --20
0
20
40
60
80
100
120
140
160
Gate-to-Source Voltage, VGS -- V
7
| yfs | -- ID
IT13791 10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
Ambient Temperature, Ta -- C
IS -- VSD
IT13792
Forward Transfer Admittance, | yfs | -- S
5 3 2
VDS=10V
VGS=0V
1.0 7 5 3 2
0.1 7 0.01 2 3 5 7 0.1 2 3 5 7 1.0 2 3 5 7 10 IT13793
0.01 0.2
0.4
Ta=7 5C 25 C --25 C
0.6 0.8
C 5 --2 = Ta C 75
C 25
Source Current, IS -- A
1.0
1.2 IT13794
Drain Current, ID -- A
7 5
SW Time -- ID
td(off)
1000
Ciss, Coss, Crss -- VDS
Ciss
Diode Forward Voltage, VSD -- V
VDD=30V VGS=10V Ciss, Coss, Crss -- pF
7 5 3 2
f=1MHz
Switching Time, SW Time -- ns
3 2
tf
100 7 5 3 2 10
10 7 5 3 2 0.1
td(on)
tr
Coss
Crss
2
3
5
7
1.0
2
3
5
7
0
10
20
30
40
50
60 IT13796
Drain Current, ID -- A
10 9
VGS -- Qg
IT13795 3 2 10 7 5
Drain-to-Source Voltage, VDS -- V
ASO
Gate-to-Source Voltage, VGS -- V
VDS=30V ID=4A Drain Current, ID -- A
IDP=16A ID=4A
PW10s
10
1m
10
8 7 6 5 4 3 2 1 0 0 1 2 3 4 5 6 7 8 9 10
0 s
3 2 1.0 7 5 3 2 0.1 7 5 3 2
s
DC
Operation in this area is limited by RDS(on).
op
10
era tio
ms
0m
s
25 C )
n(
Ta =
0.01 0.1
Ta=25C Single pulse When mounted on ceramic substrate (1500mm2x0.8mm)
2 3 5 7 1.0 2 3 5 7 10 2 3
Total Gate Charge, Qg -- nC
IT13797
Drain-to-Source Voltage, VDS -- V
5 7 100 IT15073
No. A1566-3/4
MCH6445
1.8
PD -- Ta
When mounted on ceramic substrate (1500mm2x0.8mm)
Allowable Power Dissipation, PD -- W
1.6 1.5 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 20 40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
IT15074
Note on usage : Since the MCH6445 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein. SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of SANYO Semiconductor Co.,Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor Co.,Ltd. product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. Upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.
This catalog provides information as of December 2009. Specifications and information herein are subject to change without notice.
PS No. A1566-4/4


▲Up To Search▲   

 
Price & Availability of MCH6445

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X