Part Number Hot Search : 
00TTS MMBZ5240 LH4002 MHW1345N SS133 AK2360A FOD07 BAV20
Product Description
Full Text Search
 

To Download MB2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MB2505
THRU
MB2510
SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
VOLTAGE RANGE
50 to 1000 Volts
CURRENT
25.0 Amperes
MB-25
FEATURES
* Superior thermal design * 300 amperes surge capability * Mounting: Hole thru for #8 screw * 1/4" universal faston terminal
HOLE FOR NO. 8 SCREW
1.181(30.0) 1.102(28.0)
.673(17.1) .633(16.1)
.452 MAX. (11.5) .480(12.2) .425(10.8)
AC
+
.673(17.1) .633(16.1)
AC
.732(18.6) .692(17.6)
1.181(30.0) 1.102(28.0)
.582(14.8) .543(13.8)
.033X.250 (0.8X6.4)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Tc=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Forward Voltage Drop per Bridge Element at 12.5AD.C. Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Operating Temperature Range, TJ Storage Temperature Range, TSTG Ta=100 C
MB2505
MB251
MB252
MB254
MB256
MB258 MB2510 UNITS
50 35 50
100 70 100
200 140 200
400 280 400 25 300 1.1 10 -65 -65 500 +125 +150
600 420 600
800 560 800
1000 700 1000
V V V A A V A A C C
RATING AND CHARACTERISTIC CURVES (MB2505 THRU MB2510)
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
30 25 20 15 10 5 0
Single Phase Half Wave 60Hz Resistive Or Inductive Load
FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
500
AVERAGE FORWARD CURRENT,(A)
400
300
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
200
100
0
25
50
75
100 125
150
175
CASE TEMPERATURE,( C)
0 1 5 10 50 100
NUMBER OF CYCLES AT 60Hz
FIG.3-TYPICAL FORWARD CHARACTERISTICS 50
INSTANTANEOUS FORWARD CURRENT,(A)
FIG.4-TYPICAL REVERSE CHARACTERISTICS 50
10 3.0 1.0
Tj=25 C Pulse Width 300us 1% Duty Cycle
REVERSE LEAKAGE CURRENT, ( A)
10 3.0 1.0
0.1
0.1
Tj=25 C
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
.01
0
20
40
60
80
100 120 140
FORWARD VOLT AGE,(V)
PERCENT OF RATED PEAK REVERSE VOLT AGE, (%)


▲Up To Search▲   

 
Price & Availability of MB2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X