Part Number Hot Search : 
NDT454 T6100518 LR3865 BR350 MSS12 SST440 BDW73C T2N2222A
Product Description
Full Text Search
 

To Download M54HC13904 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC139
RAD-HARD DUAL 2 TO 4 DECODER/DEMULTIPLEXER
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 13ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 139 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9205-017
DILC-16
FPC-16
ORDER CODES
PACKAGE DILC FPC FM M54HC139D M54HC139K EM M54HC139D1 M54HC139K1
DESCRIPTION The M54HC139 is an high speed DUAL TWO LINE TO FOUR LINE DECODER/
DEMULTIPLEXER fabricated with silicon gate C2MOS technology. The active low enable input can be used for gating or as a data input for demultiplexing applications. While the enable input is held high, all four outputs are high independently of the other inputs. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
March 2004
1/8
M54HC139
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN N 1, 15 2, 3 4, 5, 6, 7 12, 11, 10, 9 14, 13 8 16 SYMBOL NAME AND FUNCTION
1G, 2G Enable Inputs 1A, 1B Address Inputs 1Y0 TO 1Y3 Outputs 2Y0 TO 2Y3 Outputs 2A, 2B GND VCC Address Inputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS ENABLE SELECT G H L L L L B X L L H H A X L H L H Y0 H L H H H OUTPUTS Y1 H H L H H Y2 H H H L H Y3 H H H H L SELECTED OUTPUT NONE Y0 Y1 Y2 Y3
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
2/8
M54HC139
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO PD Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Power Dissipation Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3/8
M54HC139
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 80 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 45 15 13 39 13 11 Max. 75 15 13 130 26 22 110 22 19 Value -40 to 85C Min. Max. 95 19 16 165 33 28 140 28 24 -55 to 125C Min. Max. 110 22 19 195 39 33 165 33 28 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (A, B -Y) tPLH tPHL Propagation Delay Time (G -Y)
ns
ns
4/8
M54HC139
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 46 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2(per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM: PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
5/8
M54HC139
DILC-16 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 10.90 1.14 17.65 7.62 7.29 2.1 3.00 0.63 1.82 0.40 0.20 20.06 7.36 0.45 0.254 20.32 7.62 2.54 17.78 7.87 7.49 17.90 8.12 7.70 3.83 12.1 1.5 0.429 0.045 0.695 0.300 0.287 0.88 TYP MAX. 2.71 3.70 1.14 2.39 0.50 0.30 20.58 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.790 0.290 0.018 0.010 0.800 0.300 0.100 0.700 0.310 0.295 0.705 0.320 0.303 0.151 0.476 0.059 0.035 TYP. MAX. 0.107 0.146 0.045 0.094 0.020 0.012 0.810 0.310 inch
0056437F
6/8
M54HC139
FPC-16 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 0.38 6.0 18.75 0.33 0.38 4.31 22.0 0.43 6.75 9.76 1.49 0.102 8.76 0.127 8.89 1.27 0.43 0.48 0.015 0.237 0.738 0.013 0.015 0.170 0.867 0.017 TYP 6.91 9.94 MAX. 7.06 10.14 1.95 0.152 9.01 MIN. 0.266 0.384 0.059 0.004 0.345 0.005 0.350 0.050 0.017 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.355 inch
F
G
D
H
16
9
A
N
L
1
8
H
E
M
C
B
0016030E
7/8
M54HC139
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of M54HC13904

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X