Part Number Hot Search : 
APL5308 SK9839 D1527 MAX663 ML9XX40 298060 87758 APL1582
Product Description
Full Text Search
 

To Download M54HC138D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 M54HC138
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
s
s
s
s
s
s
s
s s
s
s
HIGH SPEED: tPD = 13ns (TYP.) at VCC = 6V LOW POWER DISSIPATION: ICC = 4A(MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 4mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V PIN AND FUNCTION COMPATIBLE WITH 54 SERIES 138 SPACE GRADE-1: ESA SCC QUALIFIED 50 krad QUALIFIED, 100 krad AVAILABLE ON REQUEST NO SEL UNDER HIGH LET HEAVY IONS IRRADIATION DEVICE FULLY COMPLIANT WITH SCC-9408-046
DILC-16
FPC-16
ORDER CODES
PACKAGE DILC FPC FM M54HC138D M54HC138K EM M54HC138D1 M54HC138K1
DESCRIPTION The M54HC138 is an high speed CMOS 3 TO 8 LINE DECODER fabricated with silicon gate C2MOS technology.
If the device is enabled, 3 binary select inputs (A, B, and C) determine which one of the outputs will go low. If enable input G1 is held low or either G2A or G2B is held high, the decoding function is inhibited and all the 8 outputs go high. Three enable inputs are provided to ease cascade connection and application of address decoders for memory systems. All inputs are equipped with protection circuits against static discharge and transient excess voltage.
PIN CONNECTION
March 2004
1/9
M54HC138
IEC LOGIC SYMBOLS
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN N 1, 2, 3 4, 5 6 9, 10, 11, 12, 13, 14, 15, 7 8 16 SYMBOL A, B, C G2A, G2B G1 Y0 to Y7 NAME AND FUNCTION Address Inputs Enable Inputs Enable Input Data Outputs
GND VCC
Ground (0V) Positive Supply Voltage
TRUTH TABLE
INPUTS OUTPUTS ENABLE G2B X X H L L L L L L L L G2A X H X L L L L L L L L G1 L X X H H H H H H H H C X X X L L L L H H H H SELECT B X X X L L H H L L H H A X X X L H L H L H L H Y0 H H H L H H H H H H H Y1 H H H H L H H H H H H Y2 H H H H H L H H H H H Y3 H H H H H H L H H H H Y4 H H H H H H H L H H H Y5 H H H H H H H H L H H Y6 H H H H H H H H H L H Y7 H H H H H H H H H H L
X : Don't Care
2/9
M54HC138
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter Value -0.5 to +7 -0.5 to VCC + 0.5 -0.5 to VCC + 0.5 20 20 25 50 300 -65 to +150 265 Unit V V V mA mA mA mA mW C C
ICC or IGND DC VCC or Ground Current Power Dissipation PD Tstg TL Storage Temperature Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO Top tr, tf Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time VCC = 2.0V VCC = 4.5V VCC = 6.0V Parameter Value 2 to 6 0 to VCC 0 to VCC -55 to 125 0 to 1000 0 to 500 0 to 400 Unit V V V C ns ns ns
3/9
M54HC138
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 4.5 6.0 VOL Low Level Output Voltage 2.0 4.5 6.0 4.5 6.0 II ICC Input Leakage Current Quiescent Supply Current 6.0 6.0 IO=-20 A IO=-20 A IO=-20 A IO=-4.0 mA IO=-5.2 mA IO=20 A IO=20 A IO=20 A IO=4.0 mA IO=5.2 mA VI = VCC or GND VI = VCC or GND TA = 25C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.18 5.68 2.0 4.5 6.0 4.31 5.8 0.0 0.0 0.0 0.17 0.18 0.1 0.1 0.1 0.26 0.26 0.1 4 1.9 4.4 5.9 4.13 5.63 0.1 0.1 0.1 0.33 0.33 1 40 Typ. Max. Value -40 to 85C Min. 1.5 3.15 4.2 0.5 1.35 1.8 1.9 4.4 5.9 4.10 5.60 0.1 0.1 0.1 0.40 0.40 1 80 A A V V Max. -55 to 125C Min. 1.5 3.15 4.2 0.5 1.35 1.8 Max. V Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
V
VOH
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Test Condition Symbol Parameter VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 2.0 4.5 6.0 TA = 25C Min. Typ. 30 8 7 60 15 13 56 14 12 Max. 75 15 13 125 25 21 120 24 20 Value -40 to 85C Min. Max. 95 19 16 155 31 26 150 30 26 -55 to 125C Min. Max. 110 22 19 190 38 32 180 36 31 ns Unit
tTLH tTHL Output Transition Time tPLH tPHL Propagation Delay Time (A, B, C - Y) tPLH tPHL Propagation Delay Time (G, G - Y)
ns
ns
4/9
M54HC138
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 5.0 TA = 25C Min. Typ. 5 47 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
WAVEFORM 1: PROPAGATION DELAYS FOR INVERTING OUTPUTS (f=1MHz; 50% duty cycle)
5/9
M54HC138
WAVEFORM 2:PROPAGATION DELAYSFOR NON-INVERTING OUTPUTS (f=1MHz;50%duty cycle)
6/9
M54HC138
DILC-16 MECHANICAL DATA
mm. DIM. MIN. A a1 a2 B b b1 D e e1 e2 e3 F I K L 10.90 1.14 17.65 7.62 7.29 2.1 3.00 0.63 1.82 0.40 0.20 20.06 7.36 0.45 0.254 20.32 7.62 2.54 17.78 7.87 7.49 17.90 8.12 7.70 3.83 12.1 1.5 0.429 0.045 0.695 0.300 0.287 0.88 TYP MAX. 2.71 3.70 1.14 2.39 0.50 0.30 20.58 7.87 MIN. 0.083 0.118 0.025 0.072 0.016 0.008 0.790 0.290 0.018 0.010 0.800 0.300 0.100 0.700 0.310 0.295 0.705 0.320 0.303 0.151 0.476 0.059 0.035 TYP. MAX. 0.107 0.146 0.045 0.094 0.020 0.012 0.810 0.310 inch
0056437F
7/9
M54HC138
FPC-16 MECHANICAL DATA
mm. DIM. MIN. A B C D E F G H L M N 0.38 6.0 18.75 0.33 0.38 4.31 22.0 0.43 6.75 9.76 1.49 0.102 8.76 0.127 8.89 1.27 0.43 0.48 0.015 0.237 0.738 0.013 0.015 0.170 0.867 0.017 TYP 6.91 9.94 MAX. 7.06 10.14 1.95 0.152 9.01 MIN. 0.266 0.384 0.059 0.004 0.345 0.005 0.350 0.050 0.017 0.019 TYP. 0.272 0.392 MAX. 0.278 0.399 0.077 0.006 0.355 inch
F
G
D
H
16
9
A
N
L
1
8
H
E
M
C
B
0016030E
8/9
M54HC138
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of M54HC138D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X