Part Number Hot Search : 
74HC0 9502A MZO11DAG CY7C1041 9502A ICS8547 C3306 BR3373K
Product Description
Full Text Search
 

To Download LU1S041-XXLF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LU1S041-XX LF
"LAN-MATE" SERIES
Bothhandusa.com
Page : 1/ 2
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
P/N: LU1S041-XX LF
Feature l l l l l l l Example Part Number Format: l X X (Front View) l
Right LED Left LED
Complies with requirement of IEEE802.3u standards. RJ 45 connector with 10/100 BASE-TX magnetic. Meet UL safety standard. Includes integrated 2 LEDS(option). LEDS are isolated to reduce cross talk and electro-magnetics interference. Comply with RoHS requirements-whole part No Cd, No Hg, No Cr6+, No PBB and PBDE and No Pb on external pins. Operating temperature range: 0J to +70J. Storage temperature range: -25J to +85J. Recommended panel
Part Number Standard LED Forward*V(Max) 3 YELLOW 2.6V 4 GREEN 2.6V *With a forward current 20mA
Electrical Specifications @ 25C
(TYP) 2.1V 2.2V
Part Number
Turns Ratio (5%) TX RX
OCL (uH Min) @ 100 KHz/0.1V with 8mA DC Bias 350
CW/W (pF Max) 28
L.L (uH Max) 0.4
Insertion Loss (dB Max)TX/RX 0.3-100MHz -1.15
HI-POT (Vrms) 1500
LU1S041-XX LF
1CT:1CT 1CT:1CT
Continue
Part Number LU1S041-XX LF -16 Return Loss (dB Min)TX/RX Cross talk (dB Min)TX/RX CMR (dB Min) TX/RX
30MHz 40MHz 50MHz 60MHz 80MHz 0.3-30MHz 30-60MHz 60-100MHz 1-30MHz 30-60MHz 60-125MHz -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20
Schematic
LU1S041-XX LF
"LAN-MATE" SERIES
Bothhandusa.com
Page : 2/ 2
SINGLE RJ45 CONNECTOR MODULE WITH INTEGRATED 10/100 BASE-TX MAGNETICS AND LEDS
P/N: LU1S041-XX LF Mechanical
1. Plastic Material 2. Metal Shield 3. Spring Wire 4. Solder Pin 5. Durability
: Thermoplastic (UL 94V-0), Black Housing : Brass, 20u" inches thick Nickel : Phosphor bronze with selective gold plating : 0.4x0.4mm, Phosphor bronze with solder Plated : 750 Mating cycles Min.
PCB Layout Mounting Hole(Top View)


▲Up To Search▲   

 
Price & Availability of LU1S041-XXLF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X