Part Number Hot Search : 
XR16M680 TPC6503 LB123D SGD06N60 S6025R 003931 NTD20 HB100
Product Description
Full Text Search
 

To Download KAV16WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Surface Mount Fast Switching Diode KAV16WS(BAV16WS)
SOD-323
+0.1 1.7-0.1
Diodes
Unit: mm
Features
Fast Switching Speed Ultra-Small Suface Mount Package
+0.05 0.3-0.05
+0.05 0.85-0.05
+0.1 2.6-0.1
1.0max
For General Purpose Switching Applications High Conductance
0.475 0.375
Absolute Maximum Ratings Ta = 25
Parameter Non-Repetitive Peak Reverse Voltage Peak repetitive reverse voltage Working peak reverse voltage DC blocking voltage RMS reverse voltage Average rectified output current Forward Continuous Current Non-Repetitive Peak Forward Surge Current @ t = 1.0 @ t = 1.0s Power dissipation Typical Thermal Resistance Junction to Ambient Operating and storage temperature range PD ReJA Tj,Tstg s Symbol VRM VRRM VRWM VR VR(RMS) IO IFM IFSM 1.0 200 325 -65 to +150 mW /W 53 150 300 2.0 A V mA mA 75 V Rating 100 Unit V
Electrical Characteristics Ta = 25
Parameter Reverse Breakdown Voltage Symbol V(BR)R IR = 1.0 A Testconditons Min 75 0.745 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0 A A nA nA pF ns V Typ Max Unit V
IF = 1.0mA Forwarad voltage VFM IF = 10mA IF = 50mA IF = 150mA VR = 75V Peak Revrse current IRM VR = 75V,TJ=150 VR = 25V,TJ=150 VR = 20V Junction Capacitance Reverse Recovery Time CJ trr VR = 0, f = 1.0MHz IF=IR=10mA,Irr=0.1xIR,RL=100
Marking
Marking T6 or T4
+0.05 0.1-0.02
+0.1 1.3-0.1
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of KAV16WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X