|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Part Number: K4MDW62 www.SunLED.com 18.4mm LED CLUSTER Features NO. OF BUILT-IN 5mm LED LAMPS: RED 4PCS. WATERPROOF PACKAGE WITH HOOD SUITABLE FOR OUTDOOR AND INDOOR INFORMATION BOARDS. CAN PRODUCE ANY COLOR IN VISIBLE SPECTRUM,INCLUDING WHITE LIGHT. RoHS COMPLIANT. XLMD50W-13 X4Pcs Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Published Date : MAR 26,2008 Drawing No :SDSA3358 V3 Checked : B.L.LIU P.1/3 Part Number: K4MDW62 www.SunLED.com 18.4mm LED CLUSTER Electrical / Optical Characteristics at TA=25C Symbol IV 2 1/2 VF P D 1/2 IR Parameter Luminous Intensity Viewing Angle Forward Voltage Wavelength of Peak Emission Wavelength of Dominant Emission Spectral Line Full Width At HalfMaximum Reverse Current K4MDW62 Device Min 6700 Typ. 9190 20 3.8 640 628 27 Max. 5.0 20 Units mcd deg V nm nm nm uA Test Conditions IF=40mA IF=40mA IF=40mA IF=40mA IF=40mA VR = 5V Absolute Maximum Ratings at TA=25C Parameter Power dissipation DC Forward Current Reverse Voltage Operating Temperature Storage Temperature Type 300 60 5 -40C To +70C -40C To +85C Units mW mA V Published Date : MAR 26,2008 Drawing No :SDSA3358 V3 Checked : B.L.LIU P.2/3 Part Number: K4MDW62 www.SunLED.com 18.4mm LED CLUSTER PACKING & LABEL SPECIFICATIONS K4MDW62 Published Date : MAR 26,2008 Drawing No :SDSA3358 V3 Checked : B.L.LIU P.3/3 |
Price & Availability of K4MDW62 |