Part Number Hot Search : 
74HC0 9502A MZO11DAG CY7C1041 9502A ICS8547 C3306 BR3373K
Product Description
Full Text Search
 

To Download IRF840LCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRF840LCS/LCL
Power MOSFET VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A
D
G Symbol S
N Channel
ELECTRICAL CHARACTERISICS at
Tj = 25 C Maximum. Unless stated Otherwise Symbol
Parameter
Drain to Source Breakdown Voltage Drain to Source Leakage Current Gate to Source Leakage Current Gate Threshold Voltage
Test Conditions
VDS = 500VDC, VGS = 0VDC VDS = 400VDC, VGS = 0VDC Tj=125 C VGS = +20VDC VGS = -20VDC VDS = VGS, ID = 250A
Value Min 500 Typ Max Unit Volt A nA nA Volt
V(BR)DSS VGS = 0 VDC, ID = 250A IDSS IGSS VGS(th)
2.0
1100 170 18 12 27 25 19
25 250 100 -100 4.0 0.85 39 10 19
Static Drain to Source On - Resistance RDS(on) VGS= 10VDC, ID = 4.8A Gate Charge Gate to Source Charge Gate to Drain Charge Input Capacitance Output Capacitance Transfer Capacitance Turn On Delay Time Turn Off Delay Time Rise Time Fall Time Continuous Source Current Pulsed Source Current Forward Voltage (Diode) Single Pulse Avalanche Energy QG QGS QGD CISS COSS CRSS td(on) td(off) tr tf IS ISM VSD EAS VGS = 0VDC, IS =8.0A, Tp = 300S VDD = 250VDC, ID = 8.0A, RG = 9.1 RD = 31 VDS = 25VDC, VGS= 0VDC, f = 1.0MHZ ID = 8.0A VDS = 400VDC, VGS = 10VDC
-
nC nC nC pF pF pF nS nS nS nS A A V mj
8.0 28 2.0 510
-
MAXIMUM RATINGS Parameter
Gate to Source Voltage Drain to Source Voltage Continuous Drain Current Pulsed Drain Current Total Power Dissapation Thermal Resistance (Junction to Ambient)
(Tj = 25 C unless stated otherwise) Symbol Condition VGS VDSS ID IDM PD RTH (J-A) (TA = 25 C) Value +/- 30V 500 8.0 28 125 40 Unit Volt Volt Amp Amp W C/W
Maximum Operating Temperature Range (Tj) -55 to +150 C Maximum Storage Temperature Range (Tstg) -55 to +150 C
Page 1 of 2
IRF840AS/AL
Power MOSFET VDSS = 500V, RDS(on) = 0.85 ohm, ID = 8.0 A
Mechanical Dimensions
Case SMB 220 Plastic
Dim
a b c d e f g h j k m n p
DIMENSIONS Millimetres Inches Min Max Min Max 9.85 14.61 8.51 1.27 4.08 1.14 1.15 1.78 0.38 0.51 0.51 10.67 15.88 1.65 9.65 1.78 4.83 0.380 0.575 0.335 0.050 0.180 0.420 0.625 0.065 0.380 0.070 0.190 0.055 0.055 0.110 0.029 0.038 0.35
a c 4 d 1 2 3
f g
b
1 - Gate 2 & 4 - Drain 3 - Source
1.40 0.045 1.400 0.045 2.79 0.070 0.77 0.99 0.89 0.015 0.020 0.020
m n p
e k j
2.54 Pitch
0.10 Pitch
Mechanical Dimensions
Case TO262 Plastic
Dim
a b c d e f g h j k m n
DIMENSIONS Millimetres Inches Min Max Min Max 10.29 9.91 13.47 1.15 1.15 0.69 10.54 10.54 14.09 1.40 0.93 0.405 0.390 0.530 0.045 0.045 0.027 0.415 0.415 0.555 0.055 0.037
h a j
4 b 1 e c f n k g m 2 3 d
1 - Gate 2 & 4 - Drain 3 - Source
2.54 Pitch 4.20 4.69 1.22 1.32 0.46 2.64 3.55 0.55 2.92 4.06
0.10 Pitch 0.165 0.185 0.048 0.052 0.018 0.104 0.140 0.022 0.115 0.160
r
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of IRF840LCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X