Part Number Hot Search : 
76M00 76M00 76M00 76M00 1212E SCM1104M SI2366DS SMCJ130
Product Description
Full Text Search
 

To Download HDSP-515X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 mm and 13 mm Slim Font Seven Segment Displays Technical Data
HDSP-315x Series HDSP-316x Series HDSP-515X Series HDSP-516x Series
Features
* Excellent Appearance * Slim Font Design * Mitered Corners, Evenly Illuminated Segments * Gray Face for Optimum On/Off Contrast * Choice of Colors: DH AlGaAs Red, High Efficiency Red (HER), Yellow, and Green * Low Current Available, AlGaAs Red and HER Choice of Character Size: 10 mm and 13 mm * 50 Viewing Angle * Characterized for Luminous Intensity
Description
The HDSP-31xx-51xx Series of displays incorporates a new slim font character design. This slim font features narrow width, specially mitered segments to give a fuller appearance to the illuminated character. Faces of these displays are painted a neutral gray for enhanced on/off contrast. All devices are available in either common anode or common cathode configuration with right hand decimal point. Low current versions are available in either AlGaAs red or HER.
www..com
Devices
AlGaAs Red Low Current HDSP315H 316H 515H 516H HER Std. Current HDSP315E 316E 515E 516E HER Low Current HDSP315L 316L 515L 516L Yellow Std. Current HDSP315Y 316Y 515Y 516Y Green Std. Current HDSP315G 316G 515G 516G
Description Common Anode, 10 mm Display Common Cathode, 10 mm Display Common Anode, 13 mm Display Common Cathode, 13 mm Display
Package Drawing A B A B
2
Part Numbering System
5082 -X X X X-X X X X X HDSP-X X X X-X X X X X Mechanical Options[1] 00: No Mechanical Option Color Bin Options[1,2] 0: No Color Bin Limitation Maximum Intensity Bin[1,2] 0: No Maximum Intensity Bin Limitation Minimum Intensity Bin[1,2] 0: No Minimum Intensity Bin Limitation Device Configuration/Color [1] H: AlGaAs Red E: High Efficiency Red G: Green Y: Yellow Device Specific Configuration[1] Refer to Respective Datasheet Package[1] Refer to Respective Datasheet
Notes: 1. For codes not listed in the figure above, please refer to the respective datasheet or contact your nearest Agilent representative for details. 2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for specific bin limit information.
3
HDSP-315x/316x Series
LUMINOUS INTENSITY CATEGORY 0.9
HDSP-XXXX XYY ZW
6 10
COLOR BIN (NOTE 3)
2.54 0.38
1 2 f g e d a b 10 9 8 c7 DP 6
10
12.8 0.2
4 x 2.54
3 4 5
DIA. 1.2 9.7 0.1 6.4 0.1 7 0.1 10.4 MIN.
0.53 0.05 DATE CODE
PIN
1 2 3 4 5 6 7 8 9 10
FUNCTION
g f Common A/C e d DP c Common A/C b a
0.3 0.05 7.62 0.38
HDSP-515X/516x Series
LUMINOUS INTENSITY CATEGORY 1.25
HDSP-XXXX XYY ZW
f
7.40 10
COLOR BIN (NOTE 3)
10 9 8 7 6 a
13.0
+ 0.3 17.50 - 0.1
DATE CODE
15.24 0.3
e d
g
b
c DP
5.08 12.25 0.15
DIA. 1.25 6.40 0.1 7.00 0.1
0.29 0.08 TYP.
12345
PIN
1 2 3 4 5 6 7 8 9 10
FUNCTION
e d Common A/C c DP b a Common A/C f g
3.60 0.3
1.04 0.3 TYP. 0.58 0.08 2.54 0.3 TYP.
NOTES: 1. PACKAGE DIMENSIONS IN MILLIMETERS. 2. UNTOLERANCED DIMENSIONS ARE FOR REFERENCE ONLY. 3. FOR YELLOW AND GREEN DEVICES ONLY.
4
Absolute Maximum Ratings
AlGaAs Red Low Current 37 45 HER Low Current 52 45
Description Average Power per Segment or DP Peak Forward Current per Segment or DP DC Forward Current per Segment or DP Operating Temperature Range Storage Temperature Range Reverse Voltage per Segment or DP Wavesoldering Temperature for 3 seconds 1.59 mm. below body
HER 105 90[2]
Yellow 80 60[5]
Green 105 90[7]
Units mW mA
15[1] -20 to 100
30[3]
15[4]
20[6]
30[8]
mA C C V C
-40 to +100 -40 to +100 3.0 250
Notes: 1. Derate above 91C at 0.53 mA/C. 2. See Figure 4 to establish pulsed conditions. 3. Derate above 53C at 0.45 mA/C. 4. Derate above 80C at 0.38 mA/C. 5. See Figure 5 to establish pulsed conditions. 6. Derate above 81C at 0.52 mA/C. 7. See Figure 6 to establish pulsed ocnditions. 8. Derate above 39C at 0.37 mA/C.
5
Electrical/Optical Characteristics at TA = 25C
AlGaAs Red Low Current Device Series HDSP315/316H 515/516H Test Conditions IF = 1 mA IF = 1 mA
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or Thermal Resistance LED Junction-to-Pin DP[4]
Symbol IV VF PEAK d VR RJ-PIN
Min. 180
Typ. 650 1.8 645 637
Max.
Units cd V nm nm V C/W/Seg
2.2
3
15 255
IR = 100 A
HER Device Series HDSP315/316E 515/516E Test Conditions IF = 10 mA IF = 10 mA
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] Reverse Voltage/Segment or DP[4] Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR RJ-PIN
Min. 450
Typ. Max. 2600 1.9 635 626 2.5
Units cd V nm nm V C/W/Seg
3
30 200
IR = 100 A
HER Low Current Device Series HDSP315/316L 515/516L Test Conditions IF = 2 mA IF = 2 mA
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength[3] DP[4] Reverse Voltage/Segment or Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR RJ-PIN
Min. 180
Typ. 370 2.1 635 626
Max.
Units cd V nm nm V C/W/Seg
2.5
3
30 200
IR = 100 A
6
Yellow Device Series HDSP315/316Y 515/516Y Test Conditions IF = 10 mA IF = 10 mA
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength [3] DP[4] Reverse Voltage/Segment or Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR RJ-PIN
Min. 450
Typ. Max. 1800 2.0 583 586 2.5
Units cd V nm nm V C/W/Seg
3
50 200
IR = 100 A
Green Device Series HDSP315/316E 515/516E Test Conditions IF = 10 mA IF = 10 mA
Parameter Luminous Intensity/Segment[1,2] (Digit Average) Forward Voltage/Segment or DP Peak Wavelength Dominant Wavelength [3] DP[4] Reverse Voltage/Segment or Thermal Resistance LED Junction-to-Pin
Symbol IV VF PEAK d VR RJ-PIN
Min. 450
Typ. Max. 5000 2.1 566 571 2.5
Units cd V nm nm V C/W/Seg
3
50 200
IR = 100 A
Notes: 1. Case temperature of device immediately prior to the intensity measurement is 25C. 2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package. 3. The dominant wavelength, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the device. 4. Typical specification for reference only. Do not exceed absolute maximum ratings.
AlGaAs Low Current
IF AVE. MAX - MAXIMUM AVERAGE FORWARD CURRENT PER SEGMENT - mA
20 18 16 14 12 10 8 6 4 2 0 20 30 40 50 60 70 80 90 100 110 120 TA - AMBIENT TEMPERATURE - C R J-A = 770C/W
50.0
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 1mA)
20 10 5 2 1 0.5
20.0
IF - FORWARD CURRENT PER SEGMENT - mA
10.0 5.0
2.0 1.0 0.5 0.1 0 0.5 1.0 1.5 2.0 2.5
0.2 0.1 0.1 0.2 0.5 1 2 5 10 20
VF - FORWARD VOLTAGE - V
IF - FORWARD CURRENT PER SEGMENT - mA
Figure 1. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 2. Forward Current vs. Forward Voltage.
Figure 3. Relative Luminous Intensity vs DC Forward Current.
7
HER, Yellow, and Green
IF PEAK RATIO OF MAXIMUM OPERATING PEAK CURRENT TO TEMPERATURE IDC MAX DERATED DC CURRENT
IF PEAK RATIO OF MAXIMUM OPERATING PEAK CURRENT TO TEMPERATURE IDC MAX DERATED DC CURRENT
100 OPERATION IN THIS REGION REQUIRES TEMPERATURE DERATING OF IDC MAXIMUM 10
100
10
OPERATION IN THIS REGION REQUIRES TEMPERATURE DERATING OF IDC MAXIMUM
10
0
10
100
3K
z 0H 30 Hz 1K Hz
H
0
Hz 0 30 Hz 1K Hz 3K Z KH 10
z
Hz
KH Z
1 1 10
DC OPERATION 10000
1 1 10
100
1000
100
1000
10000
DC OPERATION
tp - PULSE DURATION - s
tp - PULSE DURATION - s
Figure 4. Maximum Tolerable Peak Current vs. Pulse Duration - HER.
Figure 5. Maximum Tolerable Peak Current vs. Pulse Duration - Yellow.
IF PEAK RATIO OF MAXIMUM OPERATING PEAK CURRENT TO TEMPERATURE IDC MAX DERATED DC CURRENT
100
IDC MAX - MAXIMUM DC CURRENT PER SEGMENT - mA
50
OPERATION IN THIS REGION REQUIRES TEMPERATURE DERATING OF IDC MAXIMUM
45 40 35 30 25 20 15 10 5 GREEN HER
R
J-A
= 770C/W
10
YELLOW
3
Hz 0 10 Hz 0 30 z KH z
10
1
KH
Z KH
1 1 10
100
1000
10000
DC OPERATION
0 20 30 40 50 60 70 80 90 100 110 120 TA - AMBIENT TEMPERATURE - C
tp - PULSE DURATION - s
Figure 6. Allowable Peak Current vs. Pulse Duration - Green.
Figure 7. Maximum Allowable DC Current per Segment as a Function of Ambient Temperature.
IF - FORWARD CURRENT PER SEGMENT - mA
100
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 5 mA FOR HER AND YELLOW AND TO 1 AT 10 mA FOR GREEN)
12 10 8 YELLOW 6 4 2 0 HER
80
60 YELLOW 40 HER 20 GREEN 0
GREEN
0
1.0
2.0
3.0
4.0
5.0
0
5
10
15
20
25
30
VF - FORWARD VOLTAGE - V
IF - FORWARD CURRENT PER SEGMENT - mA
Figure 8. Forward Current vs. Forward Voltage Characteristics.
Figure 9. Relative Luminous Intensity vs. DC Forward Current.
8
HER Low Current
IF - FORWARD CURRENT PER SEGMENT - mA
IF AVE. MAX - MAXIMUM AVERAGE FORWARD CURRENT PER SEGMENT - mA
RELATIVE LUMINOUS INTENSITY (NORMALIZED TO 1 AT 2 mA FOR HER AND TO 1 AT 4 mA FOR YELLOW AND GREEN
20 18 16 14 12 10 8 6 4 2 0 20 30 40 50 60 70 80 90 100 110 120 TA - AMBIENT TEMPERATURE - C HER R J-A = 770C/W
50
16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 HER
40
30
20 HER 10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VF - FORWARD VOLTAGE - V
VF - FORWARD CURRENT PER SEGMENT - mA
Figure 10. Maximum Allowable Average or DC Current vs. Ambient Temperature.
Figure 11. Forward Current vs. Forward Voltage.
Figure 12. Relative Luminous Intensity vs. DC Forward Current.
Intensity Bin Limits (mcd) HER Low Current, AlGaAs Red Low Current
HDSP-31xL/H, HDSP-51xL/H IV Bin Category Min. Max. E 0.180 0.360 F 0.280 0.560 G 0.450 0.900 H 0.700 1.400 I 1.100 2.200 K 1.800 3.600 L 2.800 5.600 M 4.500 9.000 N 7.000 15.000
HER Std. Current, Green Std. Current, Yellow Std. Current
HDSP-31xE/G/Y, HDSP-51xE/G/Y IV Bin Category Min. Max. G 0.450 0.900 H 0.700 1.400 I 1.100 2.200 K 1.800 3.600 L 2.800 5.600 M 4.500 9.000 N 7.000 15.000
9
Color Categories
Color Yellow Bin 1 3 2 4 2 3 4 5 Dominant Wavelength (nm) Min. Max. 581.50 585.00 584.00 587.50 586.50 590.00 589.00 592.50 573.00 577.00 570.00 574.00 567.00 571.00 564.00 568.00
Green
Note: All categories are established for classification of products. Products may not be available in all categories. Please contact your local Agilent representatives for further clarification/information.
Electrical/Optical
For more information on electrical/optical characteristics, please see Application Note 1005.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl ethyl ketone, etc.) and from the chlorinated hydrocarbon family (methylene chloride, trichloroethylene, carbon tetrachloride, etc.) are not recommended for cleaning LED parts. All of these
various solvents attack or dissolve the encapsulating epoxies used to form the package of plastic LED parts. For further information on soldering LEDs, please refer to Application Note 1027.
Contrast Enhancement
For information on contrast enhancement, please see Application Note 1015.
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2005 Agilent Technologies, Inc. Obsoletes 5988-3204EN March 9, 2005 5989-2640EN


▲Up To Search▲   

 
Price & Availability of HDSP-515X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X