Part Number Hot Search : 
P120A D2412 FR16B02 M128FAN 5330H1 0E335K8R CP326X 1A105
Product Description
Full Text Search
 

To Download FI-RE31CL-SH2-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 COMPONENTS PRODUCT INFORMATION
NEW
Connector for Internal Serial Transmission
CONNECTOR MB-0153-2 October 2008
FI-R Series
RoHS Compliant
High-speed serial transmission such as LVDS, TMDS (HDMI), and PCI Express are widely used in applications in a variety of markets including the personal computer, TV, consumer device, copier, and medical device markets. In these applications connectors not only need to have the ability to transmit signals at high speed, but they also must have the durability, ease of mating, and variety of options to respond to the demands of all designs. The FI-R is the ideal connector series to meet these demands.
Features
*0.5mm terminal pitch, 3.8mm connector, compact design with 21, 31, 41, and 51 positions. *Stable mating with large mating guides on the Plug. *Strong PCB retention with solder hold-downs on the Receptacle. *Impedance matching: 100 ohm. Ground reinforced by shell structure and hold-downs. *Receptacle options include with and without shell, and right-angle and straight types, all with a common footprint. *Mechanical lock to prevent mis-mating and accidental unmating. *Plug options for discrete wire crimping, fine coaxial wire soldering, and FFC to suit a variety of needs. *VESA standard connector for TV LCD interface.
1/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
General Specification
Receptacle
A1. FI-RE**S-HF (Right-angle, shell type) A2. FI-RE**S-VF (Straight, shell type ) No. of Contacts: 21, 31, 41, 51pos. Contact Resistance: 50m ohm max. Dielectric Withstanding Voltage: AC500Vr.m.s, 1 minute Operating Temperature: -40Deg. C to +80Deg. C Rated Current: AC, DC 0.8A each / terminal Insulation Resistance: 100M ohm min. Pitch: 0.5mm
Plug, Crimp Type
B1. FI-RE**HL (Mechanical lock, shell type) B2. FI-RC3-1A-1E-15000 (Crimp for upper contact ) B3. FI-RC3-1B-1E-15000 (Crimp for lower contact ) No. of Contacts: 21, 31, 41, 51pos. Contact Resistance: 50m ohm max. Dielectric Withstanding Voltage: AC500Vr.m.s, 1 minute Operating Temperature: -40Deg. C to +80Deg. C Rated Current: AC, DC 0.7A each / terminal Insulation Resistance: 100M ohm min. Pitch: 0.5mm Applicable Cable: 30, 32, 36 AWG
Plug, Solder Type
C1. FI-RE**CL (Mechanical lock, shell type) C2. FI-RE**CL-SH2-3000 (Cover shell for solder type) No. of Contacts: 21, 31, 41, 51pos. Contact Resistance: 50m ohm max. Dielectric Withstanding Voltage: AC500Vr.m.s, 1 minute Operating Temperature: -40Deg. C to +80Deg. C Rated Current: AC, DC 0.7A each / terminal Insulation Resistance: 100M ohm min. Pitch: 0.5mm Applicable Cable: Coaxial cable 40 AWG
2/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Materials and Finishes
Receptacle
A1. FI-RE**S-HF (Right-angle, shell type) Component Contact Insulator Shell Material and Finish Copper alloy / Contact area Au, SMT Terminal area Sn plating Heat resistant plastic / None Stainless steel / None
A2. FI-RE**S-VF (Straight, shell type) Component Contact Insulator Shell Material and Finish Copper alloy / Contact area Au, SMT Terminal area Sn plating Heat resistant plastic / None Stainless steel / None
Plug, Crimp Type B1. FI-RE**HL (Mechanical lock, shell type) Component Press Fit Shell Insulator Lock Spring Material and Finish Copper alloy / Sn plating Heat resistant plastic / None Stainless steel / None
B2. FI-RC3-1A-1E-15000 (Crimp for upper contact) Component Contact Material and Finish Phosphor bronze / Contact area Au, Terminal area Sn plating
B3. FI-RC3-1B-1E-15000 (Crimp for lower contact ) Component Contact Material and Finish Phosphor bronze / Contact area Au, Terminal area Sn plating
3/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Materials and Finishes
Plug, Solder Type C1. FI-RE**CL (Mechanical lock, shell type) Component Contact Press Fit Shell Insulator Lock Spring Material and Finish Copper alloy / Contact area Au, Terminal area Sn plating Copper alloy / Sn plating Heat resistant plastic / None Stainless steel / None
C2. FI-RE**CL-SH2-3000 (Cover shell for solder type) Component Cover Shell Material and Finish Stainless steel / None
4/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Receptacle (Right-angle, shell type) Individual Connector (SJ102934 )
FI-R E ** S - HF
Series E: Shell Type Receptacle No. of Contacts : 21, 31, 41, 51 pos. Right-Angle Type
A1
Unit: mm
Drawing when mated (for reference) Recommended board dimensions Dimensions
5/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Receptacle (Right-angle, shell type) Embossed Tape Reel (SJ102937 )
FI-R E ** S - HF - R1500
Series E: Shell Type No. of Contacts: 21, 31, 41, 51 pos. Embossed Tape 1500pcs. per reel Right-Angle Type Receptacle
A1
Unit: mm Dimensions
6/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Receptacle (Straight, shell type) Individual Connector (SJ102933 )
FI-R E ** S - VF
Series E: Shell Type No. of Contacts: 21, 31, 41, 51 pos. Straight Type Receptacle
A2
Unit: mm
Recommended board dimensions
Drawing when mated (for reference) Dimensions
7/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Receptacle (Straight, shell type) Embossed Tape Reel (SJ102936 )
FI-R E ** S - VF - R1300
Series E: Shell Type No. of Contacts : 21, 31, 41, 51 pos. Straight Type Receptacle Embossed Tape 1300pcs. per reel
A2
Unit: mm Dimensions
8/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Plug, Crimp Type (Lock, shell type) Individual Connector (SJ103279 )
FI-R E ** H L
Series E: Shell Type Plug, Crimp Type No. of Contacts: 21, 31, 41, 51 pos. L: With Mechanical Lock
B1
Unit: mm
Drawing when mated (for reference)
Dimensions
9/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Upper Contact for Crimp Housing (SJ103060 )
FI-R C3 - 1A - 1E - 15000
Series Magazine Assembly Contact for Crimp Housing 1A: Upper Contact 15000pcs. / reel Modification Code
B2
Unit: mm
10/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Lower Contact for Crimp Housing (SJ103061 )
FI-R C3 - 1A - 1E - 15000
Series Contact for Crimp housing 1B: Lower Contact Magazine Assembly 15000pcs. / reel Modification Code
B3
Unit: mm
11/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Plug, Solder Type (Lock, shell type) (SJ104311 )
FI-R E ** C L
Series E: Shell Type No. of Contacts : 21, 31, 41, 51 pos. L: With Mechanical Lock Plug, Solder Type
C1
Unit: mm
Drawing when cable is connected (for reference) Dimensions
12/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Ordering Information
Cover Shell for Solder Type (SJ104716 )
FI-R E ** C L - SH2 - 3000
Series E: Shell Type No. of Contacts : 21, 31, 41, 51 pos. Embossed Tape 3000pcs. per reel Cover Shell L: With Mechanical Lock Plug Solder Type
C2
Unit: mm
Dimensions
13/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Lineup
Receptacle
Number of Contacts 21 31 41 51
Type Shell Shell Shell Shell
Mounting Direction Right-angle Straight Right-angle Straight Right-angle Straight Right-angle Straight
Part Number FI-RE21S-HF FI-RE21S-VF FI-RE31S-HF FI-RE31S-VF FI-RE41S-HF FI-RE41S-VF FI-RE51S-HF FI-RE51S-VF
Reel Part Number FI-RE21S-HF-R1500 FI-RE21S-VF-R1300 FI-RE31S-HF-R1500 FI-RE31S-VF-R1300 FI-RE41S-HF-R1500 FI-RE41S-VF-R1300 FI-RE51S-HF-R1500 FI-RE51S-VF-R1300
Plug, Crimp Type
Number of Contacts 21 31 41 51
Type Shell Shell Shell Shell
Mechanical Lock Yes Yes Yes Yes
Part Number
FI-RE21HL FI-RE31HL FI-RE41HL FI-RE51HL
Plug, Solder Type
Number of Contacts 21 31 41 51 Type Mechanical Lock Yes Part Number Cover Shell Part Number FI-RE21CL-SH2-3000 FI-RE31CL-SH2-3000 FI-RE41CL-SH2-3000 FI-RE51CL-SH2-3000
Shell
FI-RE21CL FI-RE31CL FI-RE41CL FI-RE51CL
14/15
JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.
MB-0153-2
Related Documents Contact Crimp Tool (Manual) Part Number: CT150-4C-FIR Handling Instruction: T700276
Contact Crimp Tool (Semi-automatic machine) Press Machine Part Number: CT215-4B Handling Instruction: T707064
Applicator
Part Number: 350-FI-2B Handling Instruction: T703263
Japan Aviation Electronics Industry, Limited
Product Marketing Division Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539 Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this leaflet are made for the applications listed below. However, if the above-mentioned products are to be used in aerospace devices, marine cable-connection devices, atomic power control systems, medical equipment for life-support systems, and any other specific application requiring extremely high reliability, please contact JAE for further information. Recommended applications: Computers, Office machines, Measuring devices, Telecommunication devices (Terminals, Mobile devices), AV devices, Household applications, FA devices, etc.
15/15
* The specifications in this brochure are subject to change without notice. Please contact JAE for information. JAE PMK Div. Proprietary. Copyright (c) 2008Japan Aviation Electronics Industry, Ltd.


▲Up To Search▲   

 
Price & Availability of FI-RE31CL-SH2-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X