Part Number Hot Search : 
F051601 HN9C05FT BA9040 MC74VH SK9816 2SB15 NCP5306 SR2N7
Product Description
Full Text Search
 

To Download ECQV1H104JL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plastic Film Capacitors Stacked Metallized Plastic Film Capacitor
Type:
ECQV(L)/(M)
Designed for high density insertion applications.
IFeatures
* Small size and large capacitance * Excellent electric characteristics in non-inductive
construction
* Wide range for automatic insertion * RoHS directive compliant
IRecommended Applications
* General purpose * Noise suppression for logic circuit
1 2 3 4 5 6 7 8 9 10 11 12
IExplanation of Part Numbers
E
C
Q
V
Rated voltage Capacitance
J
Cap. Tol. Suffix Suffix
Product code
Dielectric & construction
1H 50 VDC 1J 63 VDC 1 100 VDC
L M
50 VDC 63 VDC 100 VDC
ISpecifications
Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage Insulation resistance (IR) - 40 C to + 105 C
Suffix Blank W 2 3 5 9
Lead Form Straight Crimped lead Straight taping (Ammo) Crimped taping (Ammo) Straight taping (Reel) Crimped taping (Reel)
50 VDC, 63 VDC, 100 VDC (Derating of rated voltage by 2.5 %/C at more than 85 C) 0.010 F to 2.2 F 5 %(J) tan <1.0 % (20 C, 1 kHz) = Between terminals : Rated volt. (VDC) 150 % 60 s > C < 0.33 F : IR=3000 M 20 C, 50 VDC, 60 s ECQV1H, ECQV1J = >1000 M . F 20 C, 100 VDC, 60 s ECQV1 C >0.33 F : IR=
(
)
In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of "Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage".
IDimensions in mm (not to scale)
I Packaging Specifications for Bulk Package IPacking quantity:100 pcs./bag
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
GTaping style
ITaping Specifications for Automatic Insertion
Refer to the page of taping specifications. GPackaging Specifications
Type Rated volt. Cap. range (F) 0.010 to 2.2 0.010 to 1.0 0.010 to 2.2 0.010 to 1.0 0.010 to 1.0 0.010 to 0.15 0.010 to 1.0 0.010 to 0.15 0.010 to 0.47 0.010 to 0.10 0.010 to 0.47 0.010 to 0.10 Taping style AD AS B C D E Packing Ammo Ammo Reel Reel Ammo Ammo Reel Reel Ammo Ammo Reel Reel suffix JL3 JL2 JL9 JL5 JM3 JM2 JM9 JM5 JM3 JM2 JM9 JM5
GLead Spacing Style AD AS Lead Spacing 5.0 mm 5.0 mm
ECQV (L)
50 VDC
63 VDC ECQV (M) 100 VDC
See the column "Rating, Dimensions & Quantity Box" for packing quantity.
GType ECQV(L) Rated voltage : 50 VDC Part No.
ECQV1H103JL( ECQV1H123JL( ECQV1H153JL( ECQV1H183JL( ECQV1H223JL( ECQV1H273JL( ECQV1H333JL( ECQV1H393JL( ECQV1H473JL( ECQV1H563JL( ECQV1H683JL( ECQV1H823JL( ECQV1H104JL( ECQV1H124JL( ECQV1H154JL( ECQV1H184JL( ECQV1H224JL( ECQV1H274JL( ECQV1H334JL( ECQV1H394JL( ECQV1H474JL( ECQV1H564JL( ECQV1H684JL( ECQV1H824JL( ECQV1H105JL( ECQV1H125JL( ECQV1H155JL( ECQV1H185JL( ECQV1H225JL( ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) )
IRating, Dimensions & Quantity/Ammo Box or Reel
Cap. (F)
0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 1.2 1.5 1.8 2.2
Lmax.
7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 7.3 10.2 10.2 10.2 10.2
Tmax.
3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.6 4.0 4.0 4.4 4.5 4.8 4.6 5.2 5.7 6.0 5.8 6.5 6.8 8.0 6.5 7.2 7.2 7.9
Dimensions (mm) Hmax. F S Straight Crimped lead Straight Crimped lead
5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.5 5.5 5.5 7.0 7.0 7.3 7.3 10.0 10.0 10.0 11.0 10.0 10.0 12.0 12.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.5 9.5 9.5 11.0 11.0 11.3 11.3 14.0 14.0 14.0 15.0 14.0 14.0 16.5 16.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Quantity od
0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50
Ammo
Reel
2000
2000
1000
1000
L
Suffix for lead crimped or taped type
Style N:0.010 F to 1.0 F Style T:1.2 F to 2.2 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
GType ECQV(M) Rated voltage : 63 VDC Part No. ECQV1J103JM( ECQV1J123JM( ECQV1J153JM( ECQV1J183JM( ECQV1J223JM( ECQV1J273JM( ECQV1J333JM( ECQV1J393JM( ECQV1J473JM( ECQV1J563JM( ECQV1J683JM( ECQV1J823JM( ECQV1J104JM( ECQV1J124JM( ECQV1J154JM( ECQV1J184JM( ECQV1J224JM( ECQV1J274JM( ECQV1J334JM( ECQV1J394JM( ECQV1J474JM( ECQV1J564JM( ECQV1J684JM( ECQV1J824JM( ECQV1J105JM( ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) Cap. (F) 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0
IRating, Dimensions & Quantity/Ammo Box or Reel
Dimensions (mm) Hmax. F S Straight Crimped lead Straight Crimped lead 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 6.8 10.8 5.0 5.0 7.0 11.0 5.0 5.0 7.0 11.0 5.0 5.0 7.0 11.0 5.0 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 10.0 15.0 7.5 5.0 10.0 15.0 7.5 5.0 10.0 15.0 7.5 5.0 Quantity od 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 Ammo Reel
L
max.
T
max.
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2
3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.8 4.1 3.5 3.5 3.5 3.8 4.0 4.5 4.9 5.5 6.1 6.9
2000
2000
1000
1000
Style N: 0.010 F to 0.15 F Style T: 0.18 F to 1.0 F
GType ECQV(M) Rated voltage : 100 VDC Part No. ECQV1103JM( ECQV1123JM( ECQV1153JM( ECQV1183JM( ECQV1223JM( ECQV1273JM( ECQV1333JM( ECQV1393JM( ECQV1473JM( ECQV1563JM( ECQV1683JM( ECQV1823JM( ECQV1104JM( ECQV1124JM( ECQV1154JM( ECQV1184JM( ECQV1224JM( ECQV1274JM( ECQV1334JM( ECQV1394JM( ECQV1474JM(
L
Cap. (F) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) ) 0.010 0.012 0.015 0.018 0.022 0.027 0.033 0.039 0.047 0.056 0.068 0.082 0.10 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47
L
max.
T
max.
7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 7.5 10.2 10.2 10.2 10.2 10.2 10.2 10.2 10.2
3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 3.2 4.0 4.1 4.5 3.3 3.3 3.6 4.0 4.2 4.8 5.5 6.8
Dimensions (mm) Hmax. F S Straight Crimped lead Straight Crimped lead 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 7.0 12.0 5.0 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 9.0 14.0 7.5 5.0 10.0 15.0 7.5 5.0 10.0 15.0 7.5 5.0 10.5 15.5 7.5 5.0
Quantity od 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 0.50 Ammo Reel
2000
2000
1000
1000
2000
2000
1000
1000
Suffix for lead crimped or taped type
Style N: 0.010 F to 0.10 F Style T: 0.12 F to 0.47 F
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.


▲Up To Search▲   

 
Price & Availability of ECQV1H104JL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X