Part Number Hot Search : 
BZX84C24 A3134EUA NTE2526 TC9246F ZMM5242 MZ8810C A2100 1N5374B
Product Description
Full Text Search
 

To Download DUY10C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DUY10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
Features
0.4 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF iFS PT TA Tstg
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Unit V mA mA mW C Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
UY (GaAsP/GaP) 1.95 2.5 10
Unit
V V uA
UY (GaAsP/GaP) 5 30 140 75 -40 ~ +85 -40 ~ +85
P
590
nm
D
588
nm
35
nm
260C For 3~5 Seconds
C
20
pF
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 4690
Wavelength nm P
Description
DUY10C3
Yellow
GaAsP/GaP
1200
590
Common Cathode
Published Date : MAR 12,2008
Drawing No :SDSA2254
V4
Checked : Shin Chi
P.1/4
Part Number:
DUY10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
UY
Published Date : MAR 12,2008
Drawing No :SDSA2254
V4
Checked : Shin Chi
P.2/4
Part Number:
DUY10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity/ luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 12,2008
Drawing No :SDSA2254
V4
Checked : Shin Chi
P.3/4
Part Number:
DUY10C3
www.SunLED.com
10.2mm (0.4") THREE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DUY10C3
Published Date : MAR 12,2008
Drawing No :SDSA2254
V4
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of DUY10C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X